Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1051 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1051
Description  Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1051 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1051_09 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1051_09 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1051_09 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1051_09 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1051_09 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1051_09 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1051_09 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1051_09 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS1051
Constant Voltage and Constant Current Controller
For Battery Chargers and Adaptors
2/8
Version: C07
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
14
V
Input Voltage
VIN
-0.3 to VCC
V
Operating Temperature
TOP
0 to +85
oC
Maximum Junction Temperature Range
TJ
150
oC
Thermal Resistance Junction to Ambient
Rθja
250
oC/W
Operating Condition
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
2.5 to 12
V
Electrical Specifications (Ta=25 oC, VIN=5V unless otherwise noted)
Note:
1: If the Voltage on Vctrl (the negative input of the amplifier) is higher than the positive amplifier input (Vref-1.21V), and
it is increased by 1mV, the sinking current at the output will be increased by 3.5mA.
2: The internal Voltage reference is set at 1.21V (bandgap reference). The voltage control loop precision takes into
account the cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the
trans-conductance operational amplifier. The internal voltage reference is fixed by bandgap, and trimmed to 0.5%
accuracy at room temperature.
3: When the positive input at Ictrl is lower than -200mV, and the voltage is decreased by 1mV, the sinking current
at the output will be increased by 7mA
4: The internal current sense threshold is set to -200mV. The current control loop precision takes into account the
cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the
trans-conduction operational amplifier
Parameter
Symbol
Min
Typ
Max
Unit
Total Current Consumption
Total Supply Current – not taking the output sinking current into
account
ICC
--
1.1
2
mA
Voltage Control Loop
Trans-conduction Gain (Vctrl) sink Current Only (Note 1)
GMW
1
3.5
--
mA/mV
Voltage Control Loop Reference (Note 2)
VREF
1.198
1.21
1.222
V
Input Bias Current (Vctrl)
IIBV
--
50
--
nA
Current Control Loop
Trans-conduction Gain (Ictrl) sink Current only (Note 3)
GMI
1.5
7
--
mA/mV
Current Control Loop Reference, (Note 4) IOUT=2.5A,
VSENSE
196
200
204
mV
Current Out of Pin Ictrl at – 200mV
IIBI
--
25
--
µA
Output Stage
Low Output Voltage at 10mA sinking Current
VOL
--
200
--
mV
Output Short Circuit Current. Output to VCC. Sink Current Only
IOS
--
27
50
mA


Similar Part No. - TS1051_09

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1051CSRL TSC-TS1051CSRL Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1051CX6RF TSC-TS1051CX6RF Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results

Similar Description - TS1051_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
   Constant voltage and constant current controller for battery chargers and adaptors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com