Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1117CPROG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1117CPROG
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117CPROG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1117CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
3/8
Version: C11
Electrical Characteristics Curve
Figure 1. Vdrop vs. Output Current
Figure 2. Vout Change vs. Temperature
Figure 3. Adjust Pin Current vs. Temperature
Figure 4. Iq Change vs. Temperature
Figure 5. Output Short Circuit Current
vs. Differential Voltage
Figure 6. Output Short Circuit Current
vs. Temperature


Similar Part No. - TS1117CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1117CP TSC-TS1117CP Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CP-18 TSC-TS1117CP-18 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CP-25 TSC-TS1117CP-25 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CP-33 TSC-TS1117CP-33 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CP-50 TSC-TS1117CP-50 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1117CPROG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com