Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3406 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS3406
Description  600mA / 1.5MHz Synchronous Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3406 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS3406_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3406_08 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS3406
600mA / 1.5MHz Synchronous Buck Converter
2/7
Version: B07
Absolute Maximum Rating
Characteristics
Symbol
Rating
Unit
VIN Pin Voltage
VIN
Gnd - 0.3 to Gnd + 6
V
Feedback Pin Voltage
VFB
Gnd - 0.3 to VIN + 0.3
V
RUN Pin Voltage
VRUN
Gnd - 0.3 to VIN + 0.3
V
Switch Pin Voltage
VSW
Gnd - 0.3 to VIN + 0.3
V
Peak SW Sink & Source Current
IPSW
1.5
A
Operating Supply Voltage
VOP
+2.5 to +5.5
V
Power Dissipation
PD
(TJ-TA) / θJA
mW
Storage Temperature Range
TST
-40 to +150
oC
Operating Temperature Range
TOP
-40 to +85
oC
Junction Temperature
TJ
+125
oC
Thermal Resistance from Junction to case
θJC
110
oC/W
Thermal Resistance from Junction to ambient
θJA
250
oC/W
Note1: θJA is measured with the PCB copper area of approximately 1 in
2
(Multi-layer). that need connect to Gnd pin of
the TS3406.
Electrical Specifications (Ta = 25oC, VIN=VRUN=3.6V unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Feedback Voltage
VFB
TA =25℃,IOUT=50mA
0.588
0.6
0.612
V
Quiescent Current
ICCQ
VFB=0.5V
--
270
400
uA
Feedback Bias Current
IFB
VFB =0.65V
--
--
±30
nA
Shutdown Supply Current
ISD
VRUN =0V
--
0.08
1
uA
Maximum Output Current
IOUT(MAX)
VCC =3V
0.6
--
--
A
Current Limit
ILIMIT
VCC =3V
0.85
1.2
--
A
Line Regulation
VOUT/VOUT
VCC = 2.5V~5.5V
--
0.5
1
%
Load Regulation
VOUT/VOUT
IOUT = 0.01 to 0.6A
--
0.4
0.6
%
Oscillation Frequency
FOSC
SW pin
1.2
1.5
1.8
MHz
Frequency of SCP
FOSC1
SW pin
--
300
--
KHz
RDS(ON) of P-CH MOSFET
RDSON
ISW = 300mA
--
0.30
0.50
RDS(ON) of N-CH MOSFET
RDSON
ISW = -300mA
--
0.20
0.45
Efficiency
EFFI
VOUT=1.8V,IOUT= 0.5A
--
89
--
%
RUN Threshold
VRUN
0.3
0.45
1.3
V
RUN Pin Input Current
IRUN
--
±0.1
±1
uA
Note2: 100% production test at +25°C. Specifications over the temperature range are guaranteed by design and
characterization.


Similar Part No. - TS3406_08

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
733Kb / 10P
   Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
353Kb / 10P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063ACD TSC-TS34063ACD Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results

Similar Description - TS3406_08

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com