Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5213 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS5213
Description  80mA Low Noise LDO Voltage Regulator with Enable Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS5213_10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213_10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213_10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213_10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213_10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213_10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213_10 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213_10 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS5213
80mA Low Noise LDO Voltage Regulator
with Enable Function
4/8
Version: E07
Application Information (Continue)
Thermal Characteristics
TS5213 series is designed to provide 80mA of continuous current in a very small package. Maximum power
dissipation can be calculated based on the output current and the voltage drop across the part. To determine the
maximum power dissipation of the package, use the junction-ambient thermal resistance of the device and the
following basic equation:
PD(MAX) = [ TJ(MAX) – TA ] /ΘJA
TJ(MAX) is the maximum junction temperature of the die(125
oC), and Ta is the ambient operating temperature. ΘJA is
layout dependent, the actual power dissipation of the regulator circuit can be determined using the equation:
PD = (VIN – VOUT) * IOUT + VIN * IGND
Substituting Pd(max) for Pd and solving for the operating conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For example, when operating the TS5213CX550 at room
temperature with a minimum footprint layout, the maximum input voltage for a set output current can be determined
as follows:
PD(MAX) = (125
oC – 25oC) / 220oC/W
PD(MAX) = 455mW
The junction to ambient thermal resistance for the minimum footprint is 220
oC/W, the maximum power dissipation
must not be exceeded for proper operation. Using the output voltage of 5.0V and an output current of 80mA, the
maximum input voltage can be determined. Form the electrical characteristics table, the maximum ground current for
80mA output current is 1mA.
445mW = (VIN – 5.0V ) * 80mA + VIN * 1.8mA
445mW = VIN * 80mA – 5.0 * 80mA + VIN * 1.8mA
445mW = VIN * 80mA – 400mW + VIN * 1.8mA
845mW = VIN * 81.8mA
VIN (max) = 10.33V
Therefore, a 5.0V application at 80mA of output current can accept a maximum input voltage of 10.33V in a SOT-25
package.


Similar Part No. - TS5213_10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
More results

Similar Description - TS5213_10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com