Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5214CXRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS5214CXRF
Description  300mA Low Noise LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5214CXRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5214CXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5214CXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5214CXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5214CXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5214CXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5214CXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5214CXRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5214CXRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS5214
300mA Low Noise LDO Voltage Regulator
1/8
Version: E07
SOT-23
SOT-89
SOT-223
SOP-8
General Description
TS5214 is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically 20mV at
light loads and 350mV at 300mA at 5V version), and very low power consumption (600uA at 100mA), providing high
output current even when the application requires very low dropout voltage. TS5214 is included a precision voltage
reference, error correction circuit, a current limited output driver, over temperature shutdown and revered battery
protection
Features
Ultra Low Noise Output
Output Current up to 300mA (5V Version)
Low Dropout Voltage
Low Power Consumption
Internal Current Limit
Thermal Shutdown Protection
Application
Cellular Telephones
Palmtops, Notebook Computers
Battery Powered Equipment
Consumer and Portable Application
SMPS Post Regulator and DC to DC Modules
High-efficiency Linear Power Supplies
Ordering Information
Part No.
Package
Packing
TS5214CXxx RF
SOT-23
3Kpcs / 7” Reel
TS5214CYxx RM
SOT-89
1Kpcs / 7” Reel
TS5214ACYxx RM
SOT-89
1Kpcs / 7” Reel
TS5214CWxx RP
SOT-223
2.5Kpcs / 13” Reel
TS5214CSxx RL
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
50=5.0V
33=3.3V
29=2.9V
28=2.8V
25=2.5V
Contact factory for additional voltage options.
Block Diagram
Typical Application Circuit
COUT
2.2uF
CIN
1uF
VIN
VOUT
Pin Definition:
1. Output
2. Input
3. Ground
Pin Definition:
TS5214
TS5214A
1. Output
1. Ground
2. Ground
2. Input
3. Input
3. Output
Pin Definition:
1. Input
8. Output
2. Ground
7. Ground
3. Ground
6. Ground
4. N/C
5. N/C


Similar Part No. - TS5214CXRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5214CX TSC-TS5214CX Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
More results

Similar Description - TS5214CXRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com