Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC5304EDCPRO Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC5304EDCPRO
Description  High Voltage NPN Transistor with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5304EDCPRO Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC5304EDCPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5304EDCPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5304EDCPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5304EDCPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5304EDCPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC5304EDCPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSC5304ED
High Voltage NPN Transistor with Diode
1/6
Version: C10
TO-251
(IPAK)
TO-252
(DPAK)
PRODUCT SUMMARY
BVCEO
400V
BVCBO
700V
IC
4A
VCE(SAT)
0.25V (Typ.) @ IC=0.5A, IB=0.1A
Features
Build-in Free-wheeling Diode Makes Efficient Anti-
saturation Operation
No Need to Interest an hfe Value Because of Low
Variable Storage-time Spread Even Though Comer
Spirit Product.
Low Base Drive Requirement
Suitable for Half Bridge Light Ballast Application
Block Diagram
Structure
Silicon Triple Diffused Type
NPN Silicon Transistor
Integrated Anti-parallel Collector-Emitter Diode
Ordering Information
Part No.
Package
Packing
TSC5304EDCP RO
TO-252
2.5Kpcs / 13” Reel
TSC5304EDCH C5
TO-251
75pcs / Tube
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage @ VBE=0V
VCES
700
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
IC
4
A
Collector Peak Current (tp <5ms)
ICM
8
A
Base Current
IB
2
A
Base Peak Current (tp <5ms)
IBM
4
A
Power Total Dissipation @ Tc=25ºC
PDTOT
35
W
Maximum Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Pin Definition:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSC5304EDCPRO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC5304EDCPROG TSC-TSC5304EDCPROG Datasheet
271Kb / 6P
   High Voltage NPN Transistor with Diode
More results

Similar Description - TSC5304EDCPRO

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5302D UTC-5302D Datasheet
146Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
logo
Taiwan Semiconductor Co...
TSC5301D TSC-TSC5301D_08 Datasheet
402Kb / 5P
   High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED_12 Datasheet
271Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304D TSC-TSC5304D_10 Datasheet
212Kb / 6P
   High Voltage NPN Transistor with Diode
TSC128D TSC-TSC128D_11 Datasheet
214Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_07 Datasheet
306Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_10 Datasheet
243Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_14 Datasheet
689Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5303D TSC-TSC5303D_14 Datasheet
1Mb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D Datasheet
106Kb / 5P
   High Voltage NPN Transistor with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com