Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS1341 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LRS1341
Description  Stacked Chip 16M Flash Memory and 2M SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LRS1341 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LRS1341 Datasheet HTML 3Page - Sharp Corporation LRS1341 Datasheet HTML 4Page - Sharp Corporation LRS1341 Datasheet HTML 5Page - Sharp Corporation LRS1341 Datasheet HTML 6Page - Sharp Corporation LRS1341 Datasheet HTML 7Page - Sharp Corporation LRS1341 Datasheet HTML 8Page - Sharp Corporation LRS1341 Datasheet HTML 9Page - Sharp Corporation LRS1341 Datasheet HTML 10Page - Sharp Corporation LRS1341 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Stacked Chip (16M Flash & 2M SRAM)
LRS1341/LRS1342
Data Sheet
7
ABSOLUTE MAXIMUM RATINGS
NOTES:
1. The maximum applicable voltage on any pins with respect to GND.
2. Except F-VPP.
3. Except F-RP.
4. -2.0 V undershoot is allowed when the pulse width is less than 20 ns.
5. +14.0 V overshoot is allowed when the pulse width is less than 20 ns.
RECOMMENDED DC OPERATING CONDITIONS
TA = -25°C to +85°C
NOTES:
1. VCC is the lower one of S-VCC and F-VCC.
2. -2.0 V undershoot is allowed when the pulse width is less than 20 ns.
3. This voltage is applicable to F-RP pin only.
PIN CAPACITANCE
TA = 25°C, f = 1 MHz
NOTE: *Sampled by not 100% tested.
PARAMETER
SYMBOL
RATINGS
UNIT
NOTES
Supply voltage
VCC
-0.2 to +3.9
V
1, 2
Input voltage
VIN
-0.2 to VCC +0.3
V
1, 3, 4
Operating temperature
TOPR
-25 to +85
°C
Storage temperature
TSTG
-55 to +125
°C
F-VPP voltage
F-VPP
-0.2 to +14.0
V
1, 4, 5
F-RP voltage
F-RP
-0.5 to +14.0
V
1, 4, 5
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Supply voltage
VCC
2.7
3.0
3.6
V
Input voltage
VIH
2.2
VCC + 0.2
V
1
VIL
-0.2
0.6
V
2
VHH
11.4
12.6
V
3
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input capacitance*
CIN
VIN = 0 V
20
pF
I/O capacitance*
CI/O
VI/O = 0 V
22
pF


Similar Part No. - LRS1341

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1302 SHARP-LRS1302 Datasheet
3Mb / 61P
   Stacked Chip 8M Flash and 1M SRAM
LRS13023 SHARP-LRS13023 Datasheet
3Mb / 61P
   Stacked Chip 8M Flash and 1M SRAM
LRS1329 SHARP-LRS1329 Datasheet
1Mb / 27P
   Stacked Chip 16M Flash and 2M SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
   Stacked Chip 16M Flash Memory and 4M SRAM
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
   Stacked Chip 32M Flash Memory and 4M SRAM
More results

Similar Description - LRS1341

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1329 SHARP-LRS1329 Datasheet
1Mb / 27P
   Stacked Chip 16M Flash and 2M SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
   Stacked Chip 16M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
   Stacked Chip 8M Flash Memory and 2M SRAM
LHF16C17 SHARP-LHF16C17 Datasheet
2Mb / 48P
   16M Flash Memory 2M (횞8)
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
   Stacked Chip 32M Flash Memory and 4M SRAM
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Macronix International
MX69F1602 MCNIX-MX69F1602 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Advanced Micro Devices
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com