Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML50A23 Datasheet(PDF) 1 Page - Seme LAB

Part # SML50A23
Description  N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML50A23 Datasheet(HTML) 1 Page - Seme LAB

  SML50A23 Datasheet HTML 1Page - Seme LAB SML50A23 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML50A23
VDSS
ID
IDM
VGS
VGSM
PD
TJ , TSTG
TL
IAR
EAR
EAS
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current 1
Gate – Source Voltage
Gate – Source Voltage Transient
Total Power Dissipation @ Tcase = 25°C
Derate Linearly
Operating and Storage Junction Temperature Range
Lead Temperature : 0.063” from Case for 10 Sec.
Avalanche Current1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 2
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
POWER MOSFETS
500
23
84
±30
±40
235
1.88
–55 to 150
300
21
30
1300
V
A
A
V
W
W/°C
°C
A
mJ
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Starting TJ = 25°C, L = 5.90mH, RG = 25Ω, Peak IL = 23A
VDSS
500V
ID(cont)
23A
RDS(on)
0.20
• Faster Switching
• Lower Leakage
• TO–3 Hermetic Package
StarMOS is a new generation of high voltage
N–Channel enhancement mode power MOSFETs.
This new technology minimises the JFET effect,
increases packing density and reduces the
on-resistance. StarMOS also achieves faster
switching speeds through optimised gate layout.
D
S
G
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)
TO–3 Package Outline.
Dimensions in mm (inches)
Pin 1 – Gate
Pin 2 – Source
Case – Drain
Document Number 5964
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - SML50A23

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML50A21 SEME-LAB-SML50A21 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50A21 SEME-LAB-SML50A21 Datasheet
46Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - SML50A23

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML1004R2GXN SEME-LAB-SML1004R2GXN Datasheet
23Kb / 2P
   4TH GENERATION MOSFET N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE ISOLATED POWER MOSFETS
MCA3703 SEME-LAB-MCA3703 Datasheet
24Kb / 2P
   QUAD N?밅HANNEL ENHANCEMENT MOSFETS
2N6800LCC4 SEME-LAB-2N6800LCC4 Datasheet
102Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE
2N6782 SEME-LAB-2N6782_01 Datasheet
57Kb / 2P
   N?밅HANNEL POWER MOSFET ENHANCEMENT MODE
2N6794 SEME-LAB-2N6794_01 Datasheet
57Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE POWER MOSFET
ZVN2106B SEME-LAB-ZVN2106B Datasheet
105Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com