Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML50HB06 Datasheet(PDF) 2 Page - Seme LAB

Part # SML50HB06
Description  HIGH PERFORMANCE POWER SEMICONDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML50HB06 Datasheet(HTML) 2 Page - Seme LAB

  SML50HB06 Datasheet HTML 1Page - Seme LAB SML50HB06 Datasheet HTML 2Page - Seme LAB SML50HB06 Datasheet HTML 3Page - Seme LAB SML50HB06 Datasheet HTML 4Page - Seme LAB SML50HB06 Datasheet HTML 5Page - Seme LAB SML50HB06 Datasheet HTML 6Page - Seme LAB SML50HB06 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Turn on delay time
Ic=50A, Vcc=300V
Vge=+/15V,Rg=2.7Ω,Tvj=25C
Vge=+/-15V,Rg=2.7Ω,Tvj=125C
td,on
40
42
nsec
nsec
Rise time
Ic=50A, Vcc=300V
Vge=+/-15V,Rg=2.7Ω,Tvj=25C
Vge=+/-15V,Rg=2.7Ω,Tvj=125C
tr
9
10
nsec
nsec
Turn off delay time
Ic=50A, Vcc=300V
Vge=+/-15V,Rg=2.7Ω,Tvj=25C
Vge=+/-15V,Rg=2.7Ω,Tvj=125C
td,off
120
130
nsec
nsec
Fall time
Ic=50A, Vcc=300V
Vge=+/-15V,Rg=2.7Ω,Tvj=25C
Vge=+/-15V,Rg=2.7Ω,Tvj=125C
tf
12
21
nsec
nsec
Turn energy loss per pulse
Ic=50A,Vce=300V,Vge=15V
Rge=2.7Ω,Tvj=125C,L=35nH
Eon
0.5
mJ
Turn off energy loss per pulse Ic=50A,Vce=300V, Vge=15V
Rge=Ω,Tvj=125C,L=35nH
Eoff
1.0
mJ
SC Data
tp≤10µsec, Vge≤15V
Tvj≤125C,Vcc=300V,Vce(max)-
Vces-Lσdi/dT
Isc
225
A
Stray Module inductance
Lσce
40
nH
Terminal-chip resistance
Rc
1.2
mΩ
Forward voltage
Ic=50A,Vge=0V, Tc=25C
Ic=50A,Vge=0V, Tc=125C
Vf
1.25
1.2
1.6 V
Peak reverse recovery current If=50A, -di/dt=2900A/µsec
Vce=300V,Vge=-10V,Tvj=25C
Vce=300V,Vge=-10V,Tvj=125C
Irm
88
92
A
Recovered charge
If=50A, -di/dt=2900A/µsec
Vce=600V,Vge=-10V,Tvj=25C
Vce=600V,Vge=-10V,Tvj=125C
Qr
3.4
5.6
µC
Reverse recovery energy
If=50A, -di/dt=2900A/µsec
Vce=600V,Vge=-10V,Tvj=25C
Vce=600V,Vge=-10V,Tvj=125C
Erec
1.5
mJ
mJ
Diode characteristics


Similar Part No. - SML50HB06

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML50H19 SEME-LAB-SML50H19 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50H24 SEME-LAB-SML50H24 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - SML50HB06

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100HB06 SEME-LAB-SML100HB06 Datasheet
639Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB12 SEME-LAB-SML300HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML150FB12 SEME-LAB-SML150FB12 Datasheet
629Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB06 SEME-LAB-SML400HB06 Datasheet
650Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML200HB12 SEME-LAB-SML200HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB06 SEME-LAB-SML300HB06 Datasheet
635Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB01MF SEME-LAB-SML400HB01MF Datasheet
652Kb / 9P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML75HB06 SEME-LAB-SML75HB06 Datasheet
641Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB12GG SEME-LAB-SML300HB12GG Datasheet
239Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
logo
Microsemi Corporation
APT30M85BVRG MICROSEMI-APT30M85BVRG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com