Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN2106B Datasheet(PDF) 1 Page - Seme LAB

Part # ZVN2106B
Description  N?밅HANNEL ENHANCEMENT MODE MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

ZVN2106B Datasheet(HTML) 1 Page - Seme LAB

  ZVN2106B Datasheet HTML 1Page - Seme LAB ZVN2106B Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZVN2106B
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be
both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab
encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 7927, ISSUE 1
FEATURES
Faster switching
Low Ciss
Integral Source-Drain Diode
High Input Impedance and High Gain
DESCRIPTION
This enhancement-mode (normally-off) vertical DMOS FET is
ideally suited to a wide range of switching and amplifying
applications where high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
High Reliability Screening options are available.
N–CHANNEL
ENHANCEMENT MODE
MOSFET
V
DSS
60V
I
D
1.2A
R
DS(on)
2.0
TO-39 PACKAGE (TO-205AD)
(Underside View)
PIN 1 – SOURCE
PIN 3 – DRAIN
PIN 2 – GATE
CASE – DRAIN
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS T
CASE = 25°C unless otherwise stated
V
DS
Drain - Source Voltage
60V
I
D
Drain Current
- Continuous (T
C = 25°C)
1.2A
- Continuous (T
A = 25°C)
0.45A
I
DM
Drain Current
- Pulsed (Note 1)
8A
V
GS
Gate - Source Voltage
±20V
P
tot(1)
Total Power Dissipation at T
mb ≤ 25°C
5W
De-rate Linearly above 25°C
0.040W/°C
P
tot(2)
Total Power Dissipation at T
amb ≤ 25°C
700mW
T
j,Tstg
Operating and Storage Junction Temperature Range
-55 to +150°C
THERMAL DATA
R
thj-c
Thermal Resistance Junction – Case
Max
20
°C/W
R
thj-amb
Thermal Resistance Junction - Ambient
Max
179
°C/W
NOTES:
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Pulse Test: Pulse Width
≤ 380µS, Duty Cycle , δ 2%


Similar Part No. - ZVN2106B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN2106 ZETEX-ZVN2106 Datasheet
47Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106 ZETEX-ZVN2106 Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106A ZETEX-ZVN2106A Datasheet
47Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN2106A DIODES-ZVN2106A Datasheet
55Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Fairchild Semiconductor
ZVN2106A FAIRCHILD-ZVN2106A Datasheet
55Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN2106B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML2308CSM4 SEME-LAB-SML2308CSM4 Datasheet
21Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6660CSM4_0809 SEME-LAB-2N6660CSM4_0809 Datasheet
135Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6782 SEME-LAB-2N6782_01 Datasheet
57Kb / 2P
   N?밅HANNEL POWER MOSFET ENHANCEMENT MODE
2N6794 SEME-LAB-2N6794_01 Datasheet
57Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE POWER MOSFET
2N6800LCC4 SEME-LAB-2N6800LCC4 Datasheet
102Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE
2N6661DCSM SEME-LAB-2N6661DCSM Datasheet
41Kb / 2P
   DUAL N?밅HANNEL ENHANCEMENT MODE
2N7000CSM SEME-LAB-2N7000CSM_06 Datasheet
48Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
2N6802 SEME-LAB-2N6802 Datasheet
23Kb / 2P
   N?밅HANNEL ENHANCEMENT
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50A23 SEME-LAB-SML50A23 Datasheet
25Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com