Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2B Datasheet(PDF) 3 Page - Micro Commercial Components

Part # S2B
Description  2 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S2B Datasheet(HTML) 3 Page - Micro Commercial Components

  S2B Datasheet HTML 1Page - Micro Commercial Components S2B Datasheet HTML 2Page - Micro Commercial Components S2B Datasheet HTML 3Page - Micro Commercial Components S2B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S2A thru S2M
Figure 5
New SMB Assembly
Round Lead
Process
1
100
4
0
10
20
30
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
40
50
60
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - S2B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2B PANJIT-S2B Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
S2B CHONGQING-S2B Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
Jinan Jingheng (Group) ...
S2B JINANJINGHENG-S2B Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Micro Commercial Compon...
S2B MCC-S2B Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
S2B CHENDA-S2B Datasheet
704Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - S2B

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RL206-TP MCC-RL206-TP Datasheet
234Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2B-TP MCC-S2B-TP Datasheet
273Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201-DO15 YFWDIODE-RL201-DO15 Datasheet
444Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
2A01 MCC-2A01 Datasheet
419Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
RL201 MCC-RL201_11 Datasheet
208Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2A-TP MCC-S2A-TP Datasheet
276Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_13 Datasheet
194Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
2A01 MCC-2A01_13 Datasheet
440Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S2A LEIDITECH-S2A Datasheet
496Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com