Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK100PHPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLK100PHPR
Description  Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK100PHPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK100PHPR Datasheet HTML 2Page - Texas Instruments TLK100PHPR Datasheet HTML 3Page - Texas Instruments TLK100PHPR Datasheet HTML 4Page - Texas Instruments TLK100PHPR Datasheet HTML 5Page - Texas Instruments TLK100PHPR Datasheet HTML 6Page - Texas Instruments TLK100PHPR Datasheet HTML 7Page - Texas Instruments TLK100PHPR Datasheet HTML 8Page - Texas Instruments TLK100PHPR Datasheet HTML 9Page - Texas Instruments TLK100PHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
TLK100
SLLS931B – AUGUST 2009 – REVISED DECEMBER 2009
www.ti.com
2.2
MAC Data Interface
PIN
TYPE
DESCRIPTION
NAME
NO.
MII TRANSMIT CLOCK: : MII Transmit Clock provides 25MHz or 2.5MHz reference
MII_TX_CLK
19
O, PD
clock depending on the speed.
MII TRANSMIT ENABLE: MII_TX_EN is presented on the rising edge of the
MII_TX_EN
18
I, PD
MII_TX_CLK . It indicates the presence of valid data inputs on MII_TXD[3:0]. It is an
active high signal.
MII_TXD_0
13
MII_TXD_1
14
MII TRANSMIT DATA: The transmit data nibble received from the MAC that is
IS, I, PD
MII_TXD_2
15
synchronous to the rising edge of the MII_TX_CLK.
MII_TXD_3
16
MII RECEIVE CLOCK: MII receive clock provides a 25MHz or 2.5MHz reference clock,
MII_RX_CLK
23
O
depending on the speed, that is derived from the received data stream.
MII RECEIVE DATA VALID: This pin indicates valid data is present on the
MII_RX_DV
30
S, O, PD
corresponding MII_RXD[3:0].
MII RECEIVE ERROR: This pin indicates that an error symbol has been detected within
MII_RX_ERR/MDIX_EN
31
S, O, PU
a received packet.
MII_RXD_0/PHYAD1
25
MII RECEIVE DATA: Symbols received on the cable are decoded and presented on
MII_RXD_1/PHYAD2
26
S, O, PD
these pins synchronous to MII_RX_CLK. They contain valid data when MII_RX_DV is
MII_RXD_2/PHYAD3
27
asserted.
MII_RXD_3/PHYAD4
28
MII_CRS/LED_CFG
22
S, O, PU
MII CARRIER SENSE: This pin is asserted high when the receive medium is non-idle.
MII COLLISION DETECT: In Full Duplex Mode this pin is always low. In
MII_COL/PHYAD0
24
S, O, PU
10BASE-T/100BASE-TX half-duplex modes, this pin is asserted HIGH only when both
the transmit and receive media are non-idle.
2.3
Clock Interface
PIN
TYPE
DESCRIPTION
NAME
NO.
CRYSTAL/OSCILLATOR INPUT: Reference clock. 25MHz ±50 ppm tolerance crystal reference or
XI
39
I
oscillator input. The TLK100 supports either an external crystal resonator connected across pins XI and
XO, or an external CMOS-level oscillator source connected to pin XI only.
CRYSTAL OUTPUT: Reference Clock output. XO pin is used for crystal only. This pin should be left
XO
37
O
floating when an oscillator input is connected to XI.
25 MHz CLOCK OUTPUT: In MII mode, this pin provides a 25 MHz clock output to the system. This
CLK25OUT
12
O
allows other devices to use the reference clock from the TLK100 without requiring additional clock
sources.
2.4
LED Interface
(See Table 3-3 for LED Mode Selection)
PIN
TYPE
DESCRIPTION
NAME
NO.
This pin indicates the status of the link in Mode 1. When the link is good the LED will be ON. In
LED_LINK/AN_0
36
S, O, PU
Mode 2 and Mode 3, this pin indicates transmit and receive activity in addition to the status of the
Link. The LED is ON when Link is good. It will blink when the transmitter or receiver is active.
This pin indicates the speed of the link. It is ON when the link speed is 100 Mb/s and OFF when it
LED_SPEED/AN_1
35
S, O, PU
is 10 Mb/s.
In mode 1 this pin indicates if there is any activity on the link. It is ON (pulse) when activity is
LED_ACT/AN_EN
34
S, O, PU
present on either Transmit or Receive channel. In Mode 3, this LED output may be programmed to
indicate Full-duplex status.
6
Pin Descriptions
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK100


Similar Part No. - TLK100PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10002CTR TI1-TLK10002CTR Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10022CTR TI1-TLK10022CTR Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
More results

Similar Description - TLK100PHPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVVX TI-DP83848IVVX Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVVX TI1-DP83848CVVX Datasheet
617Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C TI-DP83848C Datasheet
711Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVV TI1-DP83848CVV Datasheet
722Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com