Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22924C Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS22924C
Description  ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22924C Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22924C_10 Datasheet HTML 5Page - Texas Instruments TPS22924C_10 Datasheet HTML 6Page - Texas Instruments TPS22924C_10 Datasheet HTML 7Page - Texas Instruments TPS22924C_10 Datasheet HTML 8Page - Texas Instruments TPS22924C_10 Datasheet HTML 9Page - Texas Instruments TPS22924C_10 Datasheet HTML 10Page - Texas Instruments TPS22924C_10 Datasheet HTML 11Page - Texas Instruments TPS22924C_10 Datasheet HTML 12Page - Texas Instruments TPS22924C_10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
0
200
400
600
800
1000
1200
-40
-15
10
35
60
85
Tem perature (°C)
2.7
2.75
2.8
2.85
2.9
2.95
3
3.05
3.1
-40
-15
10
35
60
85
Tem perature (°C)
0
100
200
300
400
500
600
700
800
900
1000
-40
-15
10
35
60
85
Tem perature (°C)
2.2
2.22
2.24
2.26
2.28
2.3
2.32
2.34
2.36
2.38
2.4
-40
-15
10
35
60
85
Tem perature (°C)
TPS22924C
www.ti.com
SLVSA52 – NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
TURN-ON TIME
TURN-OFF TIME
vs
vs
TEMPERATURE
TEMPERATURE
VIN = 3.6 V, CLOAD = 0.1 µF, RLOAD = 10 Ω
VIN = 3.6 V, CLOAD = 0.1 µF, RLOAD = 10 Ω
RISE TIME
FALL TIME
vs
vs
TEMPERATURE
TEMPERATURE
VIN = 3.6 V, CLOAD = 0.1 µF, RLOAD = 10 Ω
VIN = 3.6 V, CLOAD = 0.1 µF, RLOAD = 10 Ω
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS22924C


Similar Part No. - TPS22924C_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPR TI-TPS22924CYZPR Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI1-TPS22924CYZPR Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI1-TPS22924CYZPR Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
More results

Similar Description - TPS22924C_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com