Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22924C Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22924C
Description  ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22924C Datasheet(HTML) 4 Page - Texas Instruments

  TPS22924C Datasheet HTML 1Page - Texas Instruments TPS22924C Datasheet HTML 2Page - Texas Instruments TPS22924C Datasheet HTML 3Page - Texas Instruments TPS22924C Datasheet HTML 4Page - Texas Instruments TPS22924C Datasheet HTML 5Page - Texas Instruments TPS22924C Datasheet HTML 6Page - Texas Instruments TPS22924C Datasheet HTML 7Page - Texas Instruments TPS22924C Datasheet HTML 8Page - Texas Instruments TPS22924C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS22924C
SLVSA52 – NOVEMBER 2009
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
VIN
Input voltage range
–0.3
4
V
VOUT
Output voltage range
VIN + 0.3
V
VON
Input voltage range
–0.3
4
V
IMAX
Maximum continuous switch current, TA = -40°C to 85°C
2
A
IPLS
Maximum pulsed switch current, 100-µs pulse, 2% duty cycle, TA = -40°C to 85°C
4
A
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
Human-Body Model (HBM)
5000
ESD
Electrostatic discharge protection
V
Charged-Device Model (CDM)
1000
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
DERATING
FACTOR
BOARD
PACKAGE
RθJC
RθJA
TA < 25°C
TA = 70°C
TA = 85°C
ABOVE
TA = 25°C
- 8.1063
High-K(1)
YZP
17.6°C/W
123.36°C/W
810.63 mW
445.84 mW
324.25 mW
mW/°C
(1)
The JEDEC high-K (2s2p) board used to derive this data was a 3- × 3-inch, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage
0.75
3.6
V
VOUT
Output voltage
VIN
V
VIN = 2.5 V to 3.6 V
1.2
3.6
VIH
High-level input voltage, ON
V
VIN = 0.75 V to 2.5 V
0.9
3.6
VIN = 2.5 V to 3.6 V
0.6
VIL
Low-level input voltage, ON
V
VIN = 0.75 V to 2.5 V
0.4
CIN
Input capacitance
1(1)
μF
(1)
See the Input Capacitor section in Application Information.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22924C


Similar Part No. - TPS22924C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI-TPS22924CYZPR Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI1-TPS22924CYZPR Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI1-TPS22924CYZPR Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results

Similar Description - TPS22924C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com