Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22924CYZPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22924CYZPR
Description  ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22924CYZPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22924CYZPR Datasheet HTML 3Page - Texas Instruments TPS22924CYZPR Datasheet HTML 4Page - Texas Instruments TPS22924CYZPR Datasheet HTML 5Page - Texas Instruments TPS22924CYZPR Datasheet HTML 6Page - Texas Instruments TPS22924CYZPR Datasheet HTML 7Page - Texas Instruments TPS22924CYZPR Datasheet HTML 8Page - Texas Instruments TPS22924CYZPR Datasheet HTML 9Page - Texas Instruments TPS22924CYZPR Datasheet HTML 10Page - Texas Instruments TPS22924CYZPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
0
2
4
6
8
10
12
-40
-15
10
35
60
85
Tem perature (°C)
VIN = 0.75 V
VIN = 3.3 V
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
3.5
4
VIN (V)
TA = 85°C
TA = 25°C
TA = -40°C
0
20
40
60
80
100
120
140
160
180
0
1
2
3
4
VIN (V)
0
10
20
30
40
50
60
70
-40
-15
10
35
60
85
Tem perature (°C)
TPS22924C
www.ti.com
SLVSA52 – NOVEMBER 2009
TYPICAL CHARACTERISTICS
ON-STATE RESISTANCE
ON-STATE RESISTANCE
vs
vs
INPUT VOLTAGE
TEMPERATURE
INPUT CURRENT, QUIESCENT
INPUT CURRENT, QUIESCENT
vs
vs
INPUT VOLTAGE
TEMPERATURE
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS22924C


Similar Part No. - TPS22924CYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPR TI-TPS22924CYZPR Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI1-TPS22924CYZPR Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI1-TPS22924CYZPR Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
More results

Similar Description - TPS22924CYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com