Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM706 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM706
Description  Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706 Datasheet(HTML) 3 Page - Analog Devices

  ADM706 Datasheet HTML 1Page - Analog Devices ADM706 Datasheet HTML 2Page - Analog Devices ADM706 Datasheet HTML 3Page - Analog Devices ADM706 Datasheet HTML 4Page - Analog Devices ADM706 Datasheet HTML 5Page - Analog Devices ADM706 Datasheet HTML 6Page - Analog Devices ADM706 Datasheet HTML 7Page - Analog Devices ADM706 Datasheet HTML 8Page - Analog Devices ADM706 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM705/ADM706/ADM707/ADM708
Rev. G | Page 3 of 12
SPECIFICATIONS
VCC = 4.75 V to 5.5 V, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
VCC Operating Voltage Range
1.0
5.5
V
Supply Current
190
250
μA
LOGIC OUTPUT
Reset Threshold
4.5
4.65
4.75
V
ADM705/ADM707
4.25
4.40
4.50
V
ADM706/ADM708
Reset Threshold Hysteresis
40
mV
RESET PULSE WIDTH
160
200
280
ms
RESET OUTPUT VOLTAGE
VCC − 1.5
V
ISOURCE = 800 μA
0.4
V
ISINK = 3.2 mA
0.3
V
VCC = 1 V, ISINK = 50 μA
0.3
V
VCC = 1.2 V, ISINK = 100 μA
RESET OUTPUT VOLTAGE
VCC − 1.5
V
ADM707/ADM708, ISOURCE = 800 μA
0.4
V
ADM707/ADM708, ISINK = 1.2 mA
WATCHDOG TIMEOUT PERIOD (tWD)
1.00
1.60
2.25
sec
VIL = 0.4 V, VIH = VCC × 0.8, WDI = VCC
WDI Pulse Width (tWP)
50
ns
WATCHDOG INPUT
WDI Input Threshold
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
50
150
μA
WDI = 0 V
−150
−50
μA
WDI = 0 V
WDO OUTPUT VOLTAGE
VCC − 1.5
V
ISOURCE = 800 μA
0.4
V
ISINK = 1.2 mA
MANUAL RESET INPUT
MR Pull-Up Current
100
250
600
μA
MR = 0 V
MR Pulse Width
150
ns
MR INPUT THRESHOLD
Logic Low
0.8
V
Logic High
2.0
V
MR TO RESET OUTPUT DELAY
250
ns
POWER-FAIL INPUT
PFI Input Threshold
1.2
1.25
1.3
V
PFI Input Current
−25
+0.01
+25
nA
PFO OUTPUT VOLTAGE
VCC − 1.5
V
ISOURCE = 800 μA
0.4
V
ISINK = 3.2 mA


Similar Part No. - ADM706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706 AD-ADM706 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
ADM706 AD-ADM706 Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
ADM706 AD-ADM706 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706 AD-ADM706 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM706AN AD-ADM706AN Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
More results

Similar Description - ADM706

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C161 ONSEMI-N84C161_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
CAT1024 ONSEMI-CAT1024_18 Datasheet
404Kb / 23P
   Supervisory Circuits
May, 2018 ??Rev. 21
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com