Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6305 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6305
Description  Multiple Input Programmable Supervisory ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6305 Datasheet(HTML) 5 Page - Analog Devices

  ADM6305 Datasheet HTML 1Page - Analog Devices ADM6305 Datasheet HTML 2Page - Analog Devices ADM6305 Datasheet HTML 3Page - Analog Devices ADM6305 Datasheet HTML 4Page - Analog Devices ADM6305 Datasheet HTML 5Page - Analog Devices ADM6305 Datasheet HTML 6Page - Analog Devices ADM6305 Datasheet HTML 7Page - Analog Devices ADM6305 Datasheet HTML 8Page - Analog Devices ADM6305 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM6305/ADM6306
Rev. 0 | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RESET
1
RST IN1
3
GND
2
VCC
5
RST IN2
3
ADM6305
TOP VIEW
(Not to Scale)
Figure 3. ADM6305 Pin Configuration
Table 4. ADM6305 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Active Low, Open-Drain RESET Output.
2
GND
Ground.
3
RST IN1
Adjustable Reset Comparator Input. This pin asserts RESET if the input voltage is below threshold. Its high input
impedance allows the use of an external resistor divider to program the monitoring threshold. Connect this pin to
V
CC if it is not used.
4
RST IN2
Adjustable Reset Comparator Input. This pin asserts RESET if the input voltage is below threshold. Its high input
impedance allows the use of anexternal resistor divider to program the monitoring threshold. Connect this pin to
V
CC if it is not used.
5
V
CC
Power Supply Input. V
CC is not monitored on ADM6305.
RESET
1
MR
3
GND
2
VCC
5
RST IN
3
ADM6306
TOP VIEW
(Not to Scale)
Figure 4. ADM6306 Pin Configuration
Table 5. ADM6306 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Active Low, Open-Drain RESET Output.
2
GND
Ground.
3
MR
Manual Reset Input.
4
RST IN
Adjustable Reset Comparator Input. This pin asserts RESET if the input voltage is below threshold. Its high input
impedance allows the use of an external resistor divider to program the monitoring threshold. Connect this pin to
V
CC if it is not used.
5
V
CC
Power Supply Input. V
CC is not monitored on ADM6306.


Similar Part No. - ADM6305

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ADM6305 PULSE-ADM6305 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Analog Devices
ADM6305D3ARJZ-RL7 AD-ADM6305D3ARJZ-RL7 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305D3ARJZ1-RL7 AD-ADM6305D3ARJZ1-RL7 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
More results

Similar Description - ADM6305

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com