Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1T11A Datasheet(PDF) 5 Page - Sharp Corporation

Part # LT1T11A
Description  첩2mm, Straight Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1T11A Datasheet(HTML) 5 Page - Sharp Corporation

  LT1T11A Datasheet HTML 1Page - Sharp Corporation LT1T11A Datasheet HTML 2Page - Sharp Corporation LT1T11A Datasheet HTML 3Page - Sharp Corporation LT1T11A Datasheet HTML 4Page - Sharp Corporation LT1T11A Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
120
(Notice)
¡ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡ Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
LED Lamp Characteristics Diagrams
EG series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
Note)Characteristics shown in diagrams are typical values. (not assurance value)
KG series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
Note)Characteristics shown in diagrams are typical values. (not assurance value)


Similar Part No. - LT1T11A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LT1T104A BOTHHAND-LT1T104A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1T104A-43 BOTHHAND-LT1T104A-43 Datasheet
140Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS AND LEDS
More results

Similar Description - LT1T11A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL1PR112 SHARP-GL1PR112 Datasheet
98Kb / 4P
   첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR111 SHARP-GL1PR111 Datasheet
97Kb / 4P
   첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR135 SHARP-GL1PR135 Datasheet
99Kb / 4P
   첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR136 SHARP-GL1PR136 Datasheet
99Kb / 4P
   첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
LT1T21A SHARP-LT1T21A Datasheet
110Kb / 5P
   첩2mm, Straight Type, Colorless Transparency, Compact LED Lamp for Backlight/Indicator
GL2PR6 SHARP-GL2PR6 Datasheet
91Kb / 4P
   첩2mm, Convex Type, Colored Diffusion LED Lamps for Indicator
GL1PR211 SHARP-GL1PR211 Datasheet
98Kb / 4P
   첩2mm, Forming Type, Colorless Transparency, Compact LED Lamp for Backlight/Indicator
GL1PR212 SHARP-GL1PR212 Datasheet
98Kb / 4P
   첩2mm, Forming Type, Colorless Transparency, Compact LED Lamp for Backlight/Indicator
logo
List of Unclassifed Man...
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
   Convex Type, Colored Diffusion LED Lamps for Indicator
logo
Sharp Corporation
GL3PR63 SHARP-GL3PR63 Datasheet
80Kb / 4P
   첩3mmT-1, Cylinder TypeFlangeless, Colored Diffusion LED Lamps for Backlight/Indicator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com