Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM9G45 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # SAM9G45
Description  ARM-based Embedded MPU
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM9G45 Datasheet(HTML) 4 Page - ATMEL Corporation

  SAM9G45 Datasheet HTML 1Page - ATMEL Corporation SAM9G45 Datasheet HTML 2Page - ATMEL Corporation SAM9G45 Datasheet HTML 3Page - ATMEL Corporation SAM9G45 Datasheet HTML 4Page - ATMEL Corporation SAM9G45 Datasheet HTML 5Page - ATMEL Corporation SAM9G45 Datasheet HTML 6Page - ATMEL Corporation SAM9G45 Datasheet HTML 7Page - ATMEL Corporation SAM9G45 Datasheet HTML 8Page - ATMEL Corporation SAM9G45 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
4
6438GS–ATARM–13-Jul-11
SAM9G45
3.
Signal Description
Table 3-1 gives details on the signal names classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Reference
Voltage
Comments
Power Supplies
VDDIOM0
DDR2 I/O Lines Power Supply
Power
1.65V to 1.95V
VDDIOM1
EBI I/O Lines Power Supply
Power
1.65V to 1.95V or 3.0V to3.6V
VDDIOP0
Peripherals I/O Lines Power Supply
Power
1.65V to 3.6V
VDDIOP1
Peripherals I/O Lines Power Supply
Power
1.65V to 3.6V
VDDIOP2
ISI I/O Lines Power Supply
Power
1.65V to 3.6V
VDDBU
Backup I/O Lines Power Supply
Power
1.8V to 3.6V
VDDANA
Analog Power Supply
Power
3.0V to 3.6V
VDDPLLA
PLLA Power Supply
Power
0.9V to 1.1V
VDDPLLUTMI
PLLUTMI Power Supply
Power
0.9V to 1.1V
VDDOSC
Oscillator Power Supply
Power
1.65V to 3.6V
VDDCORE
Core Chip Power Supply
Power
0.9V to 1.1V
VDDUTMIC
UDPHS and UHPHS UTMI+ Core
Power Supply
Power
0.9V to 1.1V
VDDUTMII
UDPHS and UHPHS UTMI+ interface
Power Supply
Power
3.0V to 3.6V
GNDIOM
DDR2 and EBI I/O Lines Ground
Ground
GNDIOP
Peripherals and ISI I/O lines Ground
Ground
GNDCORE
Core Chip Ground
Ground
GNDOSC
PLLA, PLLUTMI and Oscillator
Ground
Ground
GNDBU
Backup Ground
Ground
GNDUTMI
UDPHS and UHPHS UTMI+ Core and
interface Ground
Ground
GNDANA
Analog Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
XOUT32
Slow Clock Oscillator Output
Output
VBG
Bias Voltage Reference for USB
Analog
PCK0 - PCK1
Programmable Clock Output
Output
(1)


Similar Part No. - SAM9G45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45_14 Datasheet
341Kb / 53P
   AT91SAM ARM-based Embedded MPU
More results

Similar Description - SAM9G45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
   ARM-based Embedded MPU
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
   ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
   ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46 Datasheet
1Mb / 58P
   AT91SAM ARM-based Embedded MPU
SAM9G45 ATMEL-SAM9G45_14 Datasheet
341Kb / 53P
   AT91SAM ARM-based Embedded MPU
AT91SAM9G45B-CU ATMEL-AT91SAM9G45B-CU Datasheet
5Mb / 1185P
   AT91SAM ARM-based Embedded MPU
SAM9X35 ATMEL-SAM9X35 Datasheet
5Mb / 1375P
   SMART ARM-based Embedded MPU
SAM9263 ATMEL-SAM9263_14 Datasheet
4Mb / 1024P
   AT91SAM ARM-based Embedded MPU
SAMA5D41 ATMEL-SAMA5D41_14 Datasheet
6Mb / 1776P
   Atmel | SMART ARM-based Embedded MPU
SAMA5D43 ATMEL-SAMA5D43_14 Datasheet
6Mb / 1776P
   Atmel | SMART ARM-based Embedded MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com