Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3S Datasheet(PDF) 10 Page - ATMEL Corporation

Part # SAM3S
Description  ARM-based Flash MCU
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3S Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button SAM3S Datasheet HTML 6Page - ATMEL Corporation SAM3S Datasheet HTML 7Page - ATMEL Corporation SAM3S Datasheet HTML 8Page - ATMEL Corporation SAM3S Datasheet HTML 9Page - ATMEL Corporation SAM3S Datasheet HTML 10Page - ATMEL Corporation SAM3S Datasheet HTML 11Page - ATMEL Corporation SAM3S Datasheet HTML 12Page - ATMEL Corporation SAM3S Datasheet HTML 13Page - ATMEL Corporation SAM3S Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
6500CS–ATARM–24-Jan-11
SAM3S Summary
4.
Package and Pinout
4.1
SAM3S4/2/1C Package and Pinout
Figure 4-2 shows the orientation of the 100-ball LFBGA Package
4.1.1
100-lead LQFP Package Outline
Figure 4-1.
Orientation of the 100-lead LQFP Package
4.1.2
100-ball LFBGA Package Outline
The 100-Ball LFBGA package has a 0.8 mm ball pitch and respects Green Standards. Its dimen-
sions are 9 x 9 x 1.1 mm.
Figure 4-2.
Orientation of the 100-BALL LFBGA Package
125
26
50
51
75
76
100
1
3
4
5
6
7
8
9
10
2
AB C D E F G H J K
TOP VIEW
BALL A1


Similar Part No. - SAM3S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3S ATMEL-SAM3S Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
SAM3S ATMEL-SAM3S_14 Datasheet
7Mb / 1087P
   AT91SAM ARM-based Flash MCU
More results

Similar Description - SAM3S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com