Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1S51A Datasheet(PDF) 4 Page - Sharp Corporation

Part # LT1S51A
Description  3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1S51A Datasheet(HTML) 4 Page - Sharp Corporation

  LT1S51A Datasheet HTML 1Page - Sharp Corporation LT1S51A Datasheet HTML 2Page - Sharp Corporation LT1S51A Datasheet HTML 3Page - Sharp Corporation LT1S51A Datasheet HTML 4Page - Sharp Corporation LT1S51A Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
120
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
LED Lamp Characteristics Diagrams
EG series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
Note)Characteristics shown in diagrams are typical values. (not assurance value)
KG series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)


Similar Part No. - LT1S51A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1S53A SHARP-LT1S53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
More results

Similar Description - LT1S51A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1ET53A SHARP-LT1ET53A Datasheet
120Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Milky Diffusion, Dichromatic Chip LED Devices
LT1U82A SHARP-LT1U82A Datasheet
108Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, High-luminosity Chip LED Devices with Lens
LT1ET82A SHARP-LT1ET82A Datasheet
93Kb / 4P
   3.3X2.9mm, 1.1mm Thickness, High-luminosity, Dichromatic Chip LED Devices with Lens
logo
List of Unclassifed Man...
LT1D73 ETC-LT1D73 Datasheet
101Kb / 5P
   2.7551.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
logo
Sharp Corporation
LT1T73A SHARP-LT1T73A Datasheet
101Kb / 5P
   2.7X51.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
KODENSHI_AUK CORP.
SO3517 KODENSHI-SO3517 Datasheet
259Kb / 3P
   Orange colored diffusion lens
logo
Everlight Electronics C...
G6C-AP1Q1B EVERLIGHT-G6C-AP1Q1B Datasheet
210Kb / 10P
   Chip LED(1.1mm Height)
logo
List of Unclassifed Man...
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
   Convex Type, Colored Diffusion LED Lamps for Indicator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com