Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5KE28 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # P5KE28
Description  500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

P5KE28 Datasheet(HTML) 1 Page - Micro Commercial Components

  P5KE28 Datasheet HTML 1Page - Micro Commercial Components P5KE28 Datasheet HTML 2Page - Micro Commercial Components P5KE28 Datasheet HTML 3Page - Micro Commercial Components P5KE28 Datasheet HTML 4Page - Micro Commercial Components P5KE28 Datasheet HTML 5Page - Micro Commercial Components P5KE28 Datasheet HTML 6Page - Micro Commercial Components P5KE28 Datasheet HTML 7Page - Micro Commercial Components P5KE28 Datasheet HTML 8Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DO-15
MIN
M A X
MIN
M A X
A
0.230
0.300
5.80
7.60
B
0.104
0.140
2.60
3.60
C
0.026
0.034
0 . 7 1
0 . 8 6
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
M M
NOTE
Features
MECHANICAL DATA
Case: Molded Plastic
Marking: Unidirectional-type number and cathode band
Bidirectional-type number only
Weight: 0.4 grams
Maximum Ratings
Operating Temperature: -65
oC to +175oC
Storage Temperature: -65
oC to +175oC
For capacitive load, derate current by 20%
Electrical Characteristics @ 25
oC Unless Otherwise Specified
P5KE5.0(C)(A)
THRU
P5KE200(C)(A)
500WATTS TRANSIENT
VOLTAGE SUPPRESSOR
5.0 TO 200 VOLTS
Peak Power
P PK
500W
Current
IFSM
70A
8.3ms, half sine
Dissipation
P M(AV)
1.0W
TJ=75
oC
A
B
C
D
D
Cathode
Mark
Dissipation
Steady State Power
=25
oC
TA
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Glass passivated chip
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
UL Recognized File # E
331408
TM
Micro Commercial Components
1 of 8
www.mccsemi.com


Similar Part No. - P5KE28

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P5KE28 MCC-P5KE28 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Microsemi Corporation
P5KE28 MICROSEMI-P5KE28 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Digitron Semiconductors
P5KE28 DIGITRON-P5KE28 Datasheet
563Kb / 4P
   TRANSIENT VOLTAGE SUPPRESORS
logo
New Jersey Semi-Conduct...
P5KE28 NJSEMI-P5KE28 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
List of Unclassifed Man...
P5KE28 ETC2-P5KE28 Datasheet
331Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P5KE28

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
3KP5.0A MCC-3KP5.0A Datasheet
206Kb / 4P
   3000Watts Transient Voltage Suppressor 5.0 to 220 Volts
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com