Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1047130000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1047130000
Description  LXXX 15.00/02/90 4.5SN BK BX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1047130000 Datasheet(HTML) 3 Page - Weidmuller

  1047130000 Datasheet HTML 1Page - Weidmuller 1047130000 Datasheet HTML 2Page - Weidmuller 1047130000 Datasheet HTML 3Page - Weidmuller 1047130000 Datasheet HTML 4Page - Weidmuller 1047130000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIN IEC rating data
Rated current, min. No. of poles (Tu=20°C)
150 A
Rated current, no. of poles (Tu=40°C), min.
150 A
Rated voltage for overvoltage class/pollution
severity II/2
1,000 V
Rated voltage for overvoltage class/pollution
severity III/2
1,000 V
Rated voltage at overvoltage category/pollution
degree III/3
1,000 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
8 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
8 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
8 kV
CSA rating data
Rated voltage (Use group B)
600 V
Rated current (use group B)
127 A
Rated voltage (Use group C)
600 V
Rated current (use group C)
127 A
Rated voltage (use group D)
600 V
Rated current (use group D)
5 A
Wire cross-section, AWG, min.
AWG 20
Wire cross-section, AWG, max.
AWG 1
UL 1059 rating data
Rated voltage (use group B)
600 V
Rated current (use group B)
127 A
Rated voltage (use group C)
600 V
Rated current (use group C)
127 A
Rated voltage (use group D)
600 V
5
1047130000 LXXX 15.00/02/90 4.5SN BK BX | Weidmüller Product Catalogue [P] [EN]
2/1/2011
http://catalog.weidmueller.com/procat/ProductPrintPage.jsp;jsessionid=F08EA73C2C5BB8...


Similar Part No. - 1047130000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10471 ETC2-10471 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10471 ETC-10471 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10471 HEYCO-10471 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
SICK AG
1047118 SICK-1047118 Datasheet
686Kb / 6P
   MID RANGE DISTANCE SENSORS
logo
Weidmuller
1047140000 WEIDMULLER-1047140000 Datasheet
188Kb / 4P
   LXXX 15.00/03/90 4.5SN BK BX
More results

Similar Description - 1047130000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1047290000 WEIDMULLER-1047290000 Datasheet
197Kb / 4P
   LXXX 15.00/02/90F 4.5SN BK BX
1047140000 WEIDMULLER-1047140000 Datasheet
188Kb / 4P
   LXXX 15.00/03/90 4.5SN BK BX
1047150000 WEIDMULLER-1047150000 Datasheet
185Kb / 4P
   LXXX 15.00/04/90 4.5SN BK BX
1047310000 WEIDMULLER-1047310000 Datasheet
145Kb / 5P
   LXXX 15.00/04/90F 4.5SN BK BX
1047300000 WEIDMULLER-1047300000 Datasheet
150Kb / 5P
   LXXX 15.00/03/90F 4.5SN BK BX
1979270000 WEIDMULLER-1979270000 Datasheet
75Kb / 3P
   BLF 5.00/02/90 SN BK BX
logo
List of Unclassifed Man...
1783680000 ETC2-1783680000 Datasheet
429Kb / 5P
   OMNIMATE Power - series LX LX 15.00/03/90 4.5SN GY BX
logo
Weidmuller
2719370000 WEIDMULLER-2719370000 Datasheet
952Kb / 6P
   BVDF 7.62HP/02/180SN BK BX
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
   SC 3.81/02/90G 3.2SN BK BX
1979790000 WEIDMULLER-1979790000 Datasheet
80Kb / 3P
   BLF 5.00/02/90LR SN BK BX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com