Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1047370000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1047370000
Description  LXXX 15.00/04/90F 4.5SN BK BX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1047370000 Datasheet(HTML) 1 Page - Weidmuller

  1047370000 Datasheet HTML 1Page - Weidmuller 1047370000 Datasheet HTML 2Page - Weidmuller 1047370000 Datasheet HTML 3Page - Weidmuller 1047370000 Datasheet HTML 4Page - Weidmuller 1047370000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LXXX 15.00/04/90F 4.5SN BK BX
View with Tabs | List View
General ordering data
Order No.
1047310000
Part designation
LXXX 15.00/04/90F 4.5SN BK BX
Version
PCB terminal, Clamping yoke connection, Solder
connection, Clamping range, max.: 50 mm², Pitch in mm:
15.00 mm, No. of poles: 4, 90°, Box
GTIN (EAN)
4032248783847
Qty.
10 pc(s).
Packaging
Box
System parameters
Product family
System LXXX
Conductor connection system
Clamping yoke connection
Fitted to PCB
Solder connection
Outgoing direction of conductor
90°
Pitch in mm
15 mm
Pitch in inch
0.591 inch
No. of poles
4
Fitted by customer
No
No. of rows
1
Solder pin length
4.5 mm
Diameter of solder eyelet
1.6 mm
Tolerance of the diameter of the solder eyelet
+ 0,1 mm
Number of solder pins per pole
4
5
1047310000 LXXX 15.00/04/90F 4.5SN BK BX | Weidmüller Product Catalogue [P] [EN]
2/1/2011
http://catalog.weidmueller.com/procat/ProductPrintPage.jsp;jsessionid=E3FC4B5C1C141E...


Similar Part No. - 1047370000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1047370000 WEIDMULLER-1047370000 Datasheet
150Kb / 5P
   LXXX 15.00/03/90F 4.5SN BK BX
More results

Similar Description - 1047370000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1047290000 WEIDMULLER-1047290000 Datasheet
197Kb / 4P
   LXXX 15.00/02/90F 4.5SN BK BX
1047300000 WEIDMULLER-1047300000 Datasheet
150Kb / 5P
   LXXX 15.00/03/90F 4.5SN BK BX
1047150000 WEIDMULLER-1047150000 Datasheet
185Kb / 4P
   LXXX 15.00/04/90 4.5SN BK BX
1047130000 WEIDMULLER-1047130000 Datasheet
138Kb / 5P
   LXXX 15.00/02/90 4.5SN BK BX
1047140000 WEIDMULLER-1047140000 Datasheet
188Kb / 4P
   LXXX 15.00/03/90 4.5SN BK BX
1000240001 WEIDMULLER-1000240001 Datasheet
77Kb / 3P
   BLF 5.08/04/90F SN BK BX
1979480000 WEIDMULLER-1979480000 Datasheet
78Kb / 3P
   BLF 5.00/04/90F SN BK BX
1979540000 WEIDMULLER-1979540000 Datasheet
78Kb / 3P
   BLF 5.00/10/90F SN BK BX
1979560000 WEIDMULLER-1979560000 Datasheet
78Kb / 3P
   BLF 5.00/12/90F SN BK BX
2720440000 WEIDMULLER-2720440000 Datasheet
965Kb / 6P
   BVDF 7.62HP/04/180SN BK BX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com