Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBTA42
Description  NPN Silicon High Voltage Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA42 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBTA42_11 Datasheet HTML 1Page - Micro Commercial Components MMBTA42_11 Datasheet HTML 2Page - Micro Commercial Components MMBTA42_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBTA42
NPN Silicon High
Voltage Transistor
SOT-23
Suggested Solder
Pad Layout
Features
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
300
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, IE=0)
300
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µAdc, IC=0)
6.0
Vdc
ICBO
Collector Cutoff Current
(VCB=200Vdc, IE=0)
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=6.0Vdc, IC=0)
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=1.0mAdc, VCE=10Vdc)
(IC=10mAdc, VCE=10Vdc)
(IC=30mAdc, VCE=10Vdc)
25
40
40
----
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=20mAdc, IB=2.0mAdc)
0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=20mAdc, IB=2.0mAdc)
0.9
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=10mAdc, VCE=20Vdc, f=100MHz)
50
MHz
Ccb
Collector-Emitter Capacitance
(VCB=20Vdec, IE=0, f=1.0MHz)
3.0
pF
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Electrical Characteristics
@ 25OC Unless Otherwise Specified
E
B
C
www.mccsemi.com
1 of 3
Capable of 300mWatts of Power Dissipation
Continuous Collector Current : 300mA
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Marking:1D


Similar Part No. - MMBTA42_11

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
   High breakdown voltage
logo
Diodes Incorporated
MMBTA42 DIODES-MMBTA42_1 Datasheet
109Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30062 Rev. 10 - 2
logo
Galaxy Semi-Conductor H...
MMBTA42 BILIN-MMBTA42_13 Datasheet
166Kb / 4P
   NPN High Voltage Amplifier
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Guangdong Kexin Industr...
MMBTA42 KEXIN-MMBTA42_15 Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - MMBTA42_11

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
   NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
   NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com