Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBXDBA017 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NBXDBA017
Description  3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDBA017 Datasheet(HTML) 7 Page - ON Semiconductor

  NBXDBA017 Datasheet HTML 1Page - ON Semiconductor NBXDBA017 Datasheet HTML 2Page - ON Semiconductor NBXDBA017 Datasheet HTML 3Page - ON Semiconductor NBXDBA017 Datasheet HTML 4Page - ON Semiconductor NBXDBA017 Datasheet HTML 5Page - ON Semiconductor NBXDBA017 Datasheet HTML 6Page - ON Semiconductor NBXDBA017 Datasheet HTML 7Page - ON Semiconductor NBXDBA017 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NBXDBB017, NBXDBA017, NBXHBA017, NBXSBA017
http://onsemi.com
7
ORDERING INFORMATION
Device Order Number
Package Type
Shipping
NBXDBB017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXDBA017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXSBA017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXHBA017LN1TAG*
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXDBB017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXDBA017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXSBA017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXHBA017LNHTAG*
CLCC−6
(Pb−Free)
100 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Please contact sales office for availability


Similar Part No. - NBXDBA017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXDBA017 ONSEMI-NBXDBA017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
NBXDBA017LN1TAG ONSEMI-NBXDBA017LN1TAG Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
NBXDBA017LNHTAG ONSEMI-NBXDBA017LNHTAG Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com