Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBXSBA021 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBXSBA021
Description  3.3 V, 266.667 MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA021 Datasheet(HTML) 1 Page - ON Semiconductor

  NBXSBA021_09 Datasheet HTML 1Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 2Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 3Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 4Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 5Page - ON Semiconductor NBXSBA021_09 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 3
1
Publication Order Number:
NBXSBB021/D
NBXSBA021, NBXSBB021
3.3 V, 266.667 MHz LVPECL
Clock Oscillator
The NBXSBB021/NBXSBA021 single frequency crystal oscillator
(XO) is designed to meet today’s requirements for 3.3 V LVPECL
clock generation applications. The device uses a high Q fundamental
crystal and Phase Lock Loop (PLL) multiplier to provide
266.667 MHz, ultra low jitter and phase noise LVPECL differential
output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1,000. Frequency stability options available as
either 50 PPM NBXSBA021 or 20 PPM NBXSBB021.
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.4 ps (12 kHz − 20 MHz)
Output Frequency − 266.667 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability − ±20 PPM or ±50 PPM
Applications
Servers
Fully Buffered DIMM
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
NC
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXSBB021LN1TAG*
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING DIAGRAMS
NBXSBB021 = NBXSBB021 (±20 PPM)*
NBXSBA021 = NBXSBA021 (±50 PPM)
266.667
= Output Frequency (MHz)
AA
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXSBB021
266.667
AAWLYYWWG
NBXSBA021LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
NBXSBA021
266.667
AAWLYYWWG
* Please contact sales office for availability
NBXSBA021LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel


Similar Part No. - NBXSBA021_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA021LN1TAG ONSEMI-NBXSBA021LN1TAG Datasheet
100Kb / 6P
   Clock Oscillator
May, 2008 - Rev. 1
More results

Similar Description - NBXSBA021_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB020 ONSEMI-NBXSBB020 Datasheet
129Kb / 7P
   3.3 V, 280 MHz LVPECL Clock Oscillator
February, 2010 ??Rev. 5
NBXSBB022 ONSEMI-NBXSBB022 Datasheet
160Kb / 6P
   3.3 V, 187.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
   3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
   3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com