Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR5010 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SR5010
Description  5 Amp Schottky Barrier Rectifier 50 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR5010 Datasheet(HTML) 3 Page - Micro Commercial Components

  SR5010 Datasheet HTML 1Page - Micro Commercial Components SR5010 Datasheet HTML 2Page - Micro Commercial Components SR5010 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
Device
Packing
Part Number-TP
Tape&Reel: 1.2Kpcs/Reel
Part Number-AP
Ammo Packing: 1.2Kpcs/Ammo Box
Part Number-BP
Bulk: 12Kpcs/Carton
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - SR5010

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR5010 MCC-SR5010 Datasheet
82Kb / 2P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Shanghai Lunsure Electr...
SR5010 CHENYI-SR5010 Datasheet
49Kb / 2P
   5Amp schottky barrier rectifier 50to100 volts
logo
Frontier Electronics.
SR5010 FRONTIER-SR5010 Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SR5010 MCC-SR5010 Datasheet
236Kb / 3P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Frontier Electronics.
SR5010-LFR FRONTIER-SR5010-LFR Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR5010

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR502 MCC-SR502 Datasheet
82Kb / 2P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR502 MCC-SR502_13 Datasheet
236Kb / 3P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR5010H MCC-SR5010H Datasheet
258Kb / 3P
   5 Amp Schottky Barrier Rectifier 100 Volts
SR3010-TP MCC-SR3010-TP Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305_11 Datasheet
387Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305_13 Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
MBRD5100 MCC-MBRD5100_17 Datasheet
392Kb / 2P
   5 Amp Schottky Barrier Rectifier 100 Volts
SR305 MCC-SR305 Datasheet
79Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
MBR5020WT MCC-MBR5020WT Datasheet
755Kb / 2P
   50 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shenzhen Ping Sheng Ele...
SR305 PFS-SR305 Datasheet
158Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com