Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XRP7618EVB Datasheet(PDF) 5 Page - Exar Corporation

Part No. XRP7618EVB
Description  8-Channel Constant Current Linear LED Driver With Smart TalkTM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7618EVB Datasheet(HTML) 5 Page - Exar Corporation

  XRP7618EVB Datasheet HTML 1Page - Exar Corporation XRP7618EVB Datasheet HTML 2Page - Exar Corporation XRP7618EVB Datasheet HTML 3Page - Exar Corporation XRP7618EVB Datasheet HTML 4Page - Exar Corporation XRP7618EVB Datasheet HTML 5Page - Exar Corporation XRP7618EVB Datasheet HTML 6Page - Exar Corporation XRP7618EVB Datasheet HTML 7Page - Exar Corporation XRP7618EVB Datasheet HTML 8Page - Exar Corporation XRP7618EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
X
XR
RP
P7
76
61
18
8
8
8--C
Ch
ha
an
nn
ne
ell C
Co
on
ns
stta
an
ntt C
Cu
urrrre
en
ntt L
Liin
ne
ea
arr L
LE
ED
D D
Drriiv
ve
err W
Wiitth
h
S
Sm
ma
arrtt T
Ta
allk
kTTM
M
© 2011 Exar Corporation
5/10
Rev. 1.0.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VCC = 5V, RISET = 8kΩ, TA = 25°C, unless otherwise specified - Schematic and BOM from Application
Information section of this datasheet.
Fig. 4: Current per Channel vs Temperature
Fig. 5: PWM Dimming: Current per Channel vs Duty Cycle
Fig. 6: Current per Channel vs Input Voltage
Fig. 7: Current per Channel vs Voltage per Channel
Fig. 8: Maximum Output Current vs Voltage per Channel
Fig. 9: Current per Channel vs RSET resistor
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
Duty cycle (%)
1kHz
100Hz
25kHz
56
57
58
59
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
Input Voltage (V)
56
57
58
59
0.5
1.0
1.5
2.0
2.5
3.0
Voltage per channel (V)
10
20
30
40
50
60
70
80
90
100
0
102030
40
Rset (kΩ)


Similar Part No. - XRP7618EVB

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7618EVB

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XRP2997_1108 EXAR-XRP2997_1108 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
Maxic Technology Corporation
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
ON Semiconductor
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
Comchip Technology
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
Marktech Corporate
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
Catalyst Semiconductor
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
Marktech Corporate
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
Maxic Technology Corporation
Maxic Technology Corpor...
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
   Linear Constant - Current LED Driver
E-CMOS Corporation
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
ON Semiconductor
ON Semiconductor
CAT4008W-T2 ONSEMI-CAT4008W-T2 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz