Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1200 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SR1200
Description  1 Amp Schottky Barrier Rectifier 200 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR1200 Datasheet(HTML) 1 Page - Micro Commercial Components

  SR1200 Datasheet HTML 1Page - Micro Commercial Components SR1200 Datasheet HTML 2Page - Micro Commercial Components SR1200 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR1
200
1 Amp Schottky
Barrier Rectifier
200 Volts
DO-41
Features
Guard Ring Protection
Low Power Loss For High Efficiency
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -5
5°C to +150°C
Storage Temperature: -
55°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SR1
200
SR1
200
200V
1
40V
200V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 125°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
V
F
.
90V
IFM = 1.0A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.
2mA
2
.0mA
TA = 25°C
TA = 100°C
A
B
C
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
A
20
11/04/28
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (Note 1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex 7.
D
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SR1200

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
SR1200 EDI-SR1200 Datasheet
44Kb / 2P
   FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
Chongqing Pingwei Enter...
SR1200 CHONGQING-SR1200 Datasheet
178Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR1200 PACELEADER-SR1200 Datasheet
439Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SR1200 JINANJINGHENG-SR1200 Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SR1200 JINGHENG-SR1200 Datasheet
56Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1200

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS120HL MCC-SS120HL Datasheet
852Kb / 3P
   1 Amp Schottky Rectifier 200 Volts
Rev.3-1-08012022
SB2200 MCC-SB2200 Datasheet
234Kb / 3P
   2 Amp Schottky Barrier Rectifier 200 Volts
SR3200 MCC-SR3200 Datasheet
273Kb / 3P
   3 Amp Schottky Barrier Rectifier 200 Volts
SR5200 MCC-SR5200_13 Datasheet
198Kb / 3P
   5 Amp Schottky Barrier Rectifier 200 Volts
MBRB30200CTQ MCC-MBRB30200CTQ Datasheet
1Mb / 3P
   30 Amp Schottky Barrier Rectifier 200 Volts
Rev.3-1-12302022
MBRD5200CT MCC-MBRD5200CT Datasheet
674Kb / 3P
   5 Amp Schottky Barrier Rectifier 200 Volts
MBR5200 MCC-MBR5200 Datasheet
120Kb / 2P
   5 Amp Schottky Barrier Rectifier 200 Volts
SR5200 MCC-SR5200 Datasheet
243Kb / 3P
   5 Amp Schottky Barrier Rectifier 200 Volts
MBRBL20200CT MCC-MBRBL20200CT Datasheet
303Kb / 2P
   20 Amp Schottky Barrier Rectifier 200 Volts
MBRD5200 MCC-MBRD5200 Datasheet
744Kb / 3P
   5 Amp Schottky Barrier Rectifier 200 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com