Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS060S2UD01 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 6Page - Sharp Corporation LS060S2UD01 Datasheet HTML 7Page - Sharp Corporation LS060S2UD01 Datasheet HTML 8Page - Sharp Corporation LS060S2UD01 Datasheet HTML 9Page - Sharp Corporation LS060S2UD01 Datasheet HTML 10Page - Sharp Corporation LS060S2UD01 Datasheet HTML 11Page - Sharp Corporation LS060S2UD01 Datasheet HTML 12Page - Sharp Corporation LS060S2UD01 Datasheet HTML 13Page - Sharp Corporation LS060S2UD01 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LCP-1310002-8
9.
Optical
Characteristics
9-1
Driving
the
Back
Light
Condition
Table
9-1
Ta=+25°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Remark
θ21,
θ22
55
degree
Viewing
Angle
Range
θ11,
θ12
CR>2
55
degree
[Note1,2]
Contrast
Ratio
CR
θ=0°
15
-
[Note2,4,5]
Response
Rise
τr
10
ms
Time
Decay
τd
θ=0°
20
ms
[Note3,4]
x
0.31
-
White
Chromaticity
y
θ=0°
0.33
-
[Note4,5]
Reflection
ratio
R
θ=0°
16
[Note6]
*The
measuring
method
of
the
optical
characteristics
is
shown
by
the
following
figure.
*
A
measurement
device
is
Minolta
luminance
meter
CM2002.
(With
the
diffusion
reflection
unit.)
Center
of
display
O
O
O
Optical
characteristics
ptical
characteristics
ptical
characteristics
ptical
characteristics
m
m
m
measuring
method
(
easuring
method
(
easuring
method
(
easuring
method
(b
b
b
b)
)
)
)
Photo detector
(with luminosity correction system)
Module
Chemical coated surface
(Optical diffusion treatment)
A diffusion beam
A diffusion beam
Normal line
A beam
(through an optical fiber)


Similar Part No. - LS060S2UD01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LS00 MOTOROLA-LS00 Datasheet
46Kb / 2P
   QUAD 2-INPUT NAND GATE
logo
National Semiconductor ...
LS00 NSC-LS00 Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
LS00 FAIRCHILD-LS00 Datasheet
59Kb / 5P
   Quad 2-Input NAND Gate
logo
Hitachi Semiconductor
LS00 HITACHI-LS00 Datasheet
42Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
ON Semiconductor
LS00 ONSEMI-LS00 Datasheet
75Kb / 4P
   Quad 2-Input NAND Gate?
December, 1999 ??Rev. 6
More results

Similar Description - LS060S2UD01

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com