Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20CW-2412SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM20CW-2412SZ
Description  20 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20CW-2412SZ Datasheet(HTML) 1 Page - AIMTEC

  AM20CW-2412SZ Datasheet HTML 1Page - AIMTEC AM20CW-2412SZ Datasheet HTML 2Page - AIMTEC AM20CW-2412SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM20CW-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 3
North America only
FEATURES:
• Ultra compact footprint 1”x1”
Adjustable Output Voltage
• Ultra - Wide Input Range 4:1
Operating Temperature -40ºC to +75ºC
• 1600 VDC Isolation
Over Current and Over Voltage Protection
• Remote ON/OFF Function
Efficiency up to 90%
• No Minimum Load Required
RoHS Compliant
Soft Start
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM20CW-2403SZ
9-36
3.3
4.5
1600
86
AM20CW-2405SZ
9-36
5
4
1600
89
AM20CW-2412SZ
9-36
12
1.67
1600
89
AM20CW-2415SZ
9-36
15
1.33
1600
89
AM20CW-4803SZ
18-75
3.3
4.5
1600
86
AM20CW-4805SZ
18-75
5
4
1600
89
AM20CW-4812SZ
18-75
12
1.67
1600
89
AM20CW-4815SZ
18-75
15
1.33
1600
90
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM20CW-2412DZ
9-36
±12
±0.833
1600
89
AM20CW-2415DZ
9-36
±15
±0.667
1600
89
AM20CW-4812DZ
18-75
±12
±0.833
1600
89
AM20CW-4815DZ
18-75
±15
±0.667
1600
89
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
18-75
Filter
π
Start up time
Nominal Vin with constant resistive load
30
ms
Absolute Maximum Rating
24 Vin
50
VDC
48 Vin
100
Peak Input Voltage time
100
ms
On/Off control
ON –3 to 12VDC (or open)
OFF – 0 to 1.2VDC or short pin 2 to pin 3; OFF idle current – 5mA
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
No load current
50
mA
Under voltage lockout
VDC
24 Vin ON/OFF
8.6/7.9
48 Vin ON/OFF
17.8/16
Input reflected ripple current
30
mA p-p


Similar Part No. - AM20CW-2412SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20CW-2412S-FZ-K AIMTEC-AM20CW-2412S-FZ-K Datasheet
183Kb / 3P
   20Watt | DC-DC Converter
AM20CW-2412S-NZ AIMTEC-AM20CW-2412S-NZ Datasheet
718Kb / 6P
   DC-DC Converter
More results

Similar Description - AM20CW-2412SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_16 Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com