Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1DS-0515SH52Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM1DS-0515SH52Z
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DS-0515SH52Z Datasheet(HTML) 1 Page - AIMTEC

  AM1DS-0515SH52Z Datasheet HTML 1Page - AIMTEC AM1DS-0515SH52Z Datasheet HTML 2Page - AIMTEC AM1DS-0515SH52Z Datasheet HTML 3Page - AIMTEC AM1DS-0515SH52Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM1DS-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 4
North America only
FEATURES:
• RoHS compliant
• Operating temperature -40
oC to + 85oC
• High efficiency up to 76%
• Continuous Short circuit protection
• Low profile plastic package • Pin compatible with multiple manufacturers
• 7 pin SIP package
• Input / Output Isolation 1000 to 6000 VDC
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
AM1DS-0505SZ
4.5-5.5
5
200
1000
71
AM1DS-0512SZ
4.5-5.5
12
83
1000
74
AM1DS-0515SZ
4.5-5.5
15
67
1000
74
AM1DS-1205SZ
10.8-13.2
5
200
1000
72
AM1DS-1212SZ
10.8-13.2
12
83
1000
74
AM1DS-1215SZ
10.8-13.2
15
67
1000
75
AM1DS-2405SZ
21.6-26.4
5
200
1000
73
AM1DS-2412SZ
21.6-26.4
12
83
1000
75
AM1DS-2415SZ
21.6-26.4
15
67
1000
75
AM1DS-0505SH30Z
4.5-5.5
5
200
3000
71
AM1DS-0512SH30Z
4.5-5.5
12
83
3000
74
AM1DS-0515SH30Z
4.5-5.5
15
67
3000
74
AM1DS-1205SH30Z
10.8-13.2
5
200
3000
72
AM1DS-1212SH30Z
10.8-13.2
12
83
3000
74
AM1DS-1215SH30Z
10.8-13.2
15
67
3000
75
AM1DS-2405SH30Z
21.6-26.4
5
200
3000
73
AM1DS-2412SH30Z
21.6-26.4
12
83
3000
75
AM1DS-2415SH30Z
21.6-26.4
15
67
3000
75
AM1DS-0505SH40Z
4.5-5.5
5
200
4000
71
AM1DS-0512SH40Z
4.5-5.5
12
83
4000
74
AM1DS-0515SH40Z
4.5-5.5
15
67
4000
74
AM1DS-1205SH40Z
10.8-13.2
5
200
4000
72
AM1DS-1212SH40Z
10.8-13.2
12
83
4000
74
AM1DS-1215SH40Z
10.8-13.2
15
67
4000
75
AM1DS-2405SH40Z
21.6-26.4
5
200
4000
73
AM1DS-2412SH40Z
21.6-26.4
12
83
4000
75
AM1DS-2415SH40Z
21.6-26.4
15
67
4000
75
AM1DS-0505SH52Z
4.5-5.5
5
200
5200
71
AM1DS-0512SH52Z
4.5-5.5
12
83
5200
74
AM1DS-0515SH52Z
4.5-5.5
15
67
5200
74
AM1DS-1205SH52Z
10.8-13.2
5
200
5200
72
AM1DS-1212SH52Z
10.8-13.2
12
83
5200
74
AM1DS-1215SH52Z
10.8-13.2
15
67
5200
75
AM1DS-2405SH52Z
21.6-26.4
5
200
5200
73
AM1DS-2412SH52Z
21.6-26.4
12
83
5200
75
AM1DS-2415SH52Z
21.6-26.4
15
67
5200
75
AM1DS-0505SH60Z
4.5-5.5
5
200
6000
71
AM1DS-0512SH60Z
4.5-5.5
12
83
6000
74
AM1DS-0515SH60Z
4.5-5.5
15
67
6000
74
AM1DS-1205SH60Z
10.8-13.2
5
200
6000
72
AM1DS-1212SH60Z
10.8-13.2
12
83
6000
74
AM1DS-1215SH60Z
10.8-13.2
15
67
6000
75
AM1DS-2405SH60Z
21.6-26.4
59
200
6000
73
AM1DS-2412SH60Z
21.6-26.4
12
83
6000
75
AM1DS-2415SH60Z
21.6-26.4
15
67
6000
75


Similar Part No. - AM1DS-0515SH52Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DS-0515SH52Z AIMTEC-AM1DS-0515SH52Z Datasheet
268Kb / 4P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1DS-0515SH52Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com