Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME40-5SMAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AME40-5SMAZ
Description  40 Watt | AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME40-5SMAZ Datasheet(HTML) 3 Page - AIMTEC

  AME40-5SMAZ Datasheet HTML 1Page - AIMTEC AME40-5SMAZ Datasheet HTML 2Page - AIMTEC AME40-5SMAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AME40-MAZ
40 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.D
3 of 3
North America only
Pin Out Specifications
Pin
Single
Dual
1
AC Input (N)
AC Input (N)
2
AC Input (L)
AC Input (L)
3
+V Output
+V Output
4
-V Output
Common
5
N. C.
-V Output
Dimensions
Derating
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature ?C
Free Air Convection
50?C
NOTE: 1. Datasheets are updated as needed and as such,
specifications are subject to change without notice. Once printed or
downloaded, datasheets are no longer controlled by Aimtec; refer to
www.aimtec.com for the most current product specifications.
2. Product
labels shown, including safety agency certifications on labels, may vary
based on the date manufactured.
3. Mechanical drawings and
specifications are for reference only.
4. All specifications are measured
at an ambient temperature of 25°C, humidity<75%, nominal input voltage
and at rated output load unless otherwise specified.
5. Aimtec may not
have conducted destructive testing or chemical analysis on all internal
components and chemicals at the time of publishing this document. CAS
numbers and other limited information are considered proprietary and
may not be available for release.
6. This product is not designed for use
in critical life support systems, equipment used in hazardous
environments, nuclear control systems or other such applications which
necessitate specific safety and regulatory standards other the ones listed
in this datasheet.
7. Warranty is in accordance with Aimtec’s standard
Terms of Sale available at www.aimtec.com.


Similar Part No. - AME40-5SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-5SMAZ AIMTEC-AME40-5SMAZ Datasheet
1Mb / 3P
   40 Watt | AC-DC Converter
AME40-5SMAZ AIMTEC-AME40-5SMAZ Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AME40-5SMAZ AIMTEC-AME40-5SMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-5SMAZ AIMTEC-AME40-5SMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME40-5SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEC40-MAZ AIMTEC-AMEC40-MAZ_1 Datasheet
590Kb / 4P
   40 Watt | AC-DC Converter
logo
ETA-USA
ERT-HWA ETA-USA-ERT-HWA Datasheet
460Kb / 3P
   40 WATT AC-DC CONVERTER
ERT-HWB ETA-USA-ERT-HWB Datasheet
512Kb / 3P
   40 WATT AC-DC CONVERTER
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ Datasheet
1Mb / 3P
   40 Watt | AC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ Datasheet
482Kb / 4P
   40 Watt | AC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ Datasheet
1,010Kb / 4P
   40 Watt | AC/DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ Datasheet
306Kb / 4P
   40 Watt | AC/DC Converter
AMEOS40-MAZ AIMTEC-AMEOS40-MAZ Datasheet
394Kb / 4P
   40 Watt | AC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com