Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME30-24DMAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AME30-24DMAZ
Description  30 Watt | AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME30-24DMAZ Datasheet(HTML) 3 Page - AIMTEC

  AME30-24DMAZ Datasheet HTML 1Page - AIMTEC AME30-24DMAZ Datasheet HTML 2Page - AIMTEC AME30-24DMAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AME30-MAZ
30 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.D
3 of 3
North America only
Pin Out Specifications
Pin
Single
Dual
1
AC Input (N)
AC Input (N)
2
AC Input (L)
AC Input (L)
3
+V Output
+V Output
4
-V Output
Common
5
N. C.
-V Output
Dimensions
Derating
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature ?C
Free Air Convection
55?C
NOTE: 1. Datasheets are updated as needed and as such, specifications
are subject to change without notice. Once printed or downloaded,
datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for
the most current product specifications.
2. Product labels shown, including
safety agency certifications on labels, may vary based on the date
manufactured.
3. Mechanical drawings and specifications are for reference
only.
4. All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless
otherwise specified.
5. Aimtec may not have conducted destructive testing
or chemical analysis on all internal components and chemicals at the time of
publishing this document. CAS numbers and other limited information are
considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment
used in hazardous environments, nuclear control systems or other such
applications which necessitate specific safety and regulatory standards
other the ones listed in this datasheet.
7. Warranty is in accordance with
Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AME30-24DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME30-24DMAZ AIMTEC-AME30-24DMAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
AME30-24DMAZ AIMTEC-AME30-24DMAZ Datasheet
391Kb / 3P
   30 Watt | AC-DC / DC-DC Converter
AME30-24DMAZ AIMTEC-AME30-24DMAZ Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-24DMAZ AIMTEC-AME30-24DMAZ Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME30-24DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEC30-MAZ AIMTEC-AMEC30-MAZ Datasheet
514Kb / 5P
   30 Watt | AC/DC Converter
AMEOS30-MAZ AIMTEC-AMEOS30-MAZ Datasheet
388Kb / 5P
   30 Watt | AC/DC Converter
logo
ETA-USA
ERT-FWB ETA-USA-ERT-FWB Datasheet
482Kb / 3P
   30 WATT AC-DC CONVERTER
WRT05SX-U ETA-USA-WRT05SX-U Datasheet
476Kb / 4P
   30 WATT AC-DC CONVERTER
logo
AIMTEC
AME30-MAZ AIMTEC-AME30-MAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_1 Datasheet
604Kb / 4P
   30 Watt | AC/DC Converter
logo
ETA-USA
BNTE-SA ETA-USA-BNTE-SA Datasheet
655Kb / 5P
   30 WATT AC-DC CONVERTER
BWT-SX-U1 ETA-USA-BWT-SX-U1 Datasheet
2Mb / 4P
   30 WATT AC-DC CONVERTER
ERT-00A ETA-USA-ERT-00A Datasheet
376Kb / 3P
   30 WATT AC-DC CONVERTER
logo
AIMTEC
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ Datasheet
885Kb / 4P
   30 Watt | AC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com