Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEC15-12DMAZ Datasheet(PDF) 5 Page - AIMTEC

Part # AMEC15-12DMAZ
Description  15 Watt | AC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEC15-12DMAZ Datasheet(HTML) 5 Page - AIMTEC

  AMEC15-12DMAZ Datasheet HTML 1Page - AIMTEC AMEC15-12DMAZ Datasheet HTML 2Page - AIMTEC AMEC15-12DMAZ Datasheet HTML 3Page - AIMTEC AMEC15-12DMAZ Datasheet HTML 4Page - AIMTEC AMEC15-12DMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AMEC15-MAZ
15 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.N
5 of 5
North America only
Mating Connectors with Wire (included)
Optional DIN Rail Bracket
NOTE: 1.Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
3 ?0.5
200 ? 0.5
DC Output Mating
Connector
Alternative
Connector Side
View
Top
View
Side
View
3 ?0.5
200 ?0.5
Side
View
View
AC Input Mating
Connector
Alternative
Connector Side
View
Top


Similar Part No. - AMEC15-12DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEC15-12DMAZ AIMTEC-AMEC15-12DMAZ Datasheet
602Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-12DMAZ AIMTEC-AMEC15-12DMAZ Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-12DMAZ AIMTEC-AMEC15-12DMAZ Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEC15-12DMAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVM12SB ETC2-SVM12SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
logo
ETA-USA
VTM-WA ETA-USA-VTM-WA Datasheet
625Kb / 4P
   15 WATT AC-DC CONVERTER
SVM-SA ETA-USA-SVM-SA Datasheet
630Kb / 4P
   15 WATT AC-DC CONVERTER
logo
AIMTEC
AME15-MAZ AIMTEC-AME15-MAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
logo
ETA-USA
MRM-SA ETA-USA-MRM-SA Datasheet
489Kb / 4P
   15 WATT AC-DC CONVERTER
BNME-SA ETA-USA-BNME-SA Datasheet
263Kb / 2P
   15 WATT AC-DC CONVERTER
BWM-SA ETA-USA-BWM-SA Datasheet
395Kb / 3P
   15 WATT AC-DC CONVERTER
SVM-SB ETA-USA-SVM-SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
ERM-00A ETA-USA-ERM-00A Datasheet
587Kb / 4P
   15 WATT AC/DC CONVERTER
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ Datasheet
349Kb / 5P
   15 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com