Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOS40-15SMAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEOS40-15SMAZ
Description  40 Watt | AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOS40-15SMAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEOS40-15SMAZ Datasheet HTML 1Page - AIMTEC AMEOS40-15SMAZ Datasheet HTML 2Page - AIMTEC AMEOS40-15SMAZ Datasheet HTML 3Page - AIMTEC AMEOS40-15SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AMEOS40-MAZ
40 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.F
4 of 4
North America only
Derating
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AMEOS40-15SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOS40-15SMAZ AIMTEC-AMEOS40-15SMAZ Datasheet
215Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEOS40-15SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_1 Datasheet
770Kb / 3P
   40 Watt | AC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_1 Datasheet
590Kb / 4P
   40 Watt | AC-DC Converter
logo
ETA-USA
ERT-HWA ETA-USA-ERT-HWA Datasheet
460Kb / 3P
   40 WATT AC-DC CONVERTER
ERT-HWB ETA-USA-ERT-HWB Datasheet
512Kb / 3P
   40 WATT AC-DC CONVERTER
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ Datasheet
1Mb / 3P
   40 Watt | AC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ Datasheet
482Kb / 4P
   40 Watt | AC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ Datasheet
1,010Kb / 4P
   40 Watt | AC/DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ Datasheet
306Kb / 4P
   40 Watt | AC/DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com