Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL20-1224DMAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEL20-1224DMAZ
Description  20 Watt | AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL20-1224DMAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEL20-1224DMAZ Datasheet HTML 1Page - AIMTEC AMEL20-1224DMAZ Datasheet HTML 2Page - AIMTEC AMEL20-1224DMAZ Datasheet HTML 3Page - AIMTEC AMEL20-1224DMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AMEL20-MAZ
20 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
4 of 4
North America only
Derating
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature ?C
Free Air Convection
50?C
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may
vary based on the date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of
25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis
on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be
available for release.
6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other
such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard
Terms of Sale available at www.aimtec.com.


Similar Part No. - AMEL20-1224DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL20-1224DMAZ AIMTEC-AMEL20-1224DMAZ Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-1224DMAZ AIMTEC-AMEL20-1224DMAZ Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL20-1224DMAZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS20AC-12 STMICROELECTRONICS-GS20AC-12 Datasheet
55Kb / 3P
   20 WATT AC-DC CONVERTER
February 1994
logo
AIMTEC
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_13 Datasheet
753Kb / 3P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_13 Datasheet
428Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_16 Datasheet
569Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-CJZ AIMTEC-AME20-CJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-JZ AIMTEC-AME20-JZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_16 Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com