Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL10-3.3N15DMAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEL10-3.3N15DMAZ
Description  10 Watt | AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL10-3.3N15DMAZ Datasheet(HTML) 3 Page - AIMTEC

  AMEL10-3.3N15DMAZ Datasheet HTML 1Page - AIMTEC AMEL10-3.3N15DMAZ Datasheet HTML 2Page - AIMTEC AMEL10-3.3N15DMAZ Datasheet HTML 3Page - AIMTEC AMEL10-3.3N15DMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AMEL10-MAZ
10 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
3 of 4
North America only
Safety Specifications
Parameters
Agency approvals
cULus, CE, CB
Standards
Medical Electrical Equipment
IEC\EN\UL 60601-1, CSA-C22.2 No. 601.1-M90
Information technology Equipment
EN 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55011, class B
Harmonic Current Emissions
IEC/EN 61000-3-2, (EN60555-2)
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2
RF, Electromagnetic Field Immunity
IEC 61000-4-3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4
Surge Immunity
IEC 61000-4-5
RF, Conducted Disturbance Immunity
IEC 61000-4-6
Power frequency Magnetic Field Immunity
IEC 61000-4-8
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11
Pin Out Specifications
Dimensions
Pin
Single
Dual positive
Dual negative/positive
1
AC Input (N)
AC Input (N)
AC Input (N)
2
AC Input (L)
AC Input (L)
AC Input (L)
3
+V Output
+V1 Output
+V1 Output
4
-V Output
Common
Common
5
No pin
+V2 Output
-V2 Output


Similar Part No. - AMEL10-3.3N15DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-3.3N15DMAZ AIMTEC-AMEL10-3.3N15DMAZ Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-3.3N15DMAZ AIMTEC-AMEL10-3.3N15DMAZ Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL10-3.3N15DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-AZ AIMTEC-AMEL10-AZ Datasheet
330Kb / 3P
   10 Watt | AC-DC Converter
logo
ETA-USA
SVS05SA ETA-USA-SVS05SA Datasheet
639Kb / 6P
   10 WATT AC-DC CONVERTER
OBS3.3SA-U ETA-USA-OBS3.3SA-U Datasheet
1Mb / 5P
   10 WATT AC-DC CONVERTER
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-CJZ AIMTEC-AME10-CJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ Datasheet
379Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_12 Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com