Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMES15-15SMAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMES15-15SMAZ
Description  15 Watt | AC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMES15-15SMAZ Datasheet(HTML) 1 Page - AIMTEC

  AMES15-15SMAZ Datasheet HTML 1Page - AIMTEC AMES15-15SMAZ Datasheet HTML 2Page - AIMTEC AMES15-15SMAZ Datasheet HTML 3Page - AIMTEC AMES15-15SMAZ Datasheet HTML 4Page - AIMTEC AMES15-15SMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMES15-MAZ
15 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.L
1 of 5
North America only
FEATURES:
• Screw Terminals on Input & Output
• RoHS compliant
• Operating temperature: -40 to +80°C
• Soft start
• Over load, Over Voltage, Short Circuit Protection
• Energy Star compliant
• Optional DIN Rail mounting bracket
• CE, cULus, CB approvals
• Universal input: 90-264VAC, 47-440Hz
• 4000VAC I/O Isolation
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
voltage
(VDC)
Max
Output
wattage
(W)
Output
Voltage
(V)
Output
Current
max (A)
Ripple &
Noise
(mV)
Maximum
Capacitive
Load
(µF)
Efficiency
(%)
AMES15-3.3SMAZ
90-264/47-440
120-370
9.9
3.3
3
50
4700
74
AMES15-5SMAZ
90-264/47-440
120-370
15
5
3
50
2200
78
AMES15-12SMAZ
90-264/47-440
120-370
15
12
1.25
100
1000
81
AMES15-15SMAZ
90-264/47-440
120-370
15
15
1
100
680
81
AMES15-24SMAZ
90-264/47-440
120-370
15
24
0.63
100
470
83
Models
Dual output
Model
Input Voltage
(VAC/Hz)
Input
voltage
(VDC)
Max
Output
wattage
(W)
Output
Voltage
(V)
Output
Current
max (A)
Ripple &
Noise*
(mV)
Maximum
Capacitive
Load
(µF)
Efficiency
(%)
AMES15-5DMAZ
90-264/47-440
120-370
15
±5
±1.5
50
±1000
78
AMES15-12DMAZ
90-264/47-440
120-370
15
±12
±0.63
100
±470
80
AMES15-15DMAZ
90-264/47-440
120-370
15
±15
±0.5
100
±330
81
*Ripple & Noise measured with 1µF M/C and 47µF E/C (20MHz bandwidth)
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115VAC
350
mA
230VAC
180
mA
Inrush current <2ms
115 VAC
10
A
230 VAC
20
A
Leakage current
115 VAC
0.1
mA
264 VAC
0.2
mA
External Fuse (recommend)
slow blow type
2
A
Input Dissipation
No load
<0.5
W
Under Voltage Protection
88
VAC
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
LL-HL
±0.5
%
Load regulation (single output)
0-100%
±0.5
%
Cross regulation (dual output)
25% load - 1
st out, 100% load – 2nd out
±5
%
Transient Recovery Time
200
µs
Transient Recovery Deviation
25% load step
±2
% of Vout
Hold-up time
min
20
ms
CB


Similar Part No. - AMES15-15SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES15-15SMAZ AIMTEC-AMES15-15SMAZ Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMES15-15SMAZ AIMTEC-AMES15-15SMAZ Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
AMES15-15SMAZ AIMTEC-AMES15-15SMAZ Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
More results

Similar Description - AMES15-15SMAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVM12SB ETC2-SVM12SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
logo
ETA-USA
VTM-WA ETA-USA-VTM-WA Datasheet
625Kb / 4P
   15 WATT AC-DC CONVERTER
SVM-SA ETA-USA-SVM-SA Datasheet
630Kb / 4P
   15 WATT AC-DC CONVERTER
logo
AIMTEC
AMEC15-MAZ AIMTEC-AMEC15-MAZ Datasheet
585Kb / 5P
   15 Watt | AC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
logo
ETA-USA
MRM-SA ETA-USA-MRM-SA Datasheet
489Kb / 4P
   15 WATT AC-DC CONVERTER
BNME-SA ETA-USA-BNME-SA Datasheet
263Kb / 2P
   15 WATT AC-DC CONVERTER
BWM-SA ETA-USA-BWM-SA Datasheet
395Kb / 3P
   15 WATT AC-DC CONVERTER
SVM-SB ETA-USA-SVM-SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
ERM-00A ETA-USA-ERM-00A Datasheet
587Kb / 4P
   15 WATT AC/DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com