Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74489430022 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74489430022
Description  COUPLED INDUCTOR WE-TDC 8018
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74489430022 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74489430022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74489430022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74489430022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
8,4 ± 0,1
mm
B
16,0 ± 0,3
mm
C
1,5 + 0,1
mm
D
4,0 ± 0,1
mm
E
2,0 ± 0,1
mm
F
7,5 ± 0,1
mm
G
12,0 ± 0,1
mm
H
2,0 ± 0,1
mm
I
0,3 ± 0,05
mm
Rollenspezifikation / Reel specification:
a
178,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
50,00 ± 1,0
mm
ALa
10-08-31
Name
Datum / date
Gurtspezifikation / Tape specification:
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Änderung / modification
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
SPEICHERDROSSEL WE-TDC 8018
COUPLED INDUCTOR WE-TDC 8018
DATUM / DATE : 2010-08-31
Artikelnummer / part number :
74489430022
Spezifikation für Freigabe / specification for release
Kunde / customer :
Version 1
no component /
160 mm min.
components
no components /
100 mm min.
End
Start
feeding direction
D
G
B
Ø c
a
d
b
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there
is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
XXX
XXX
cover tape
E
A
øC
F
H
I
A
400 mm min.
SEITE 3 VON 3


Similar Part No. - 74489430022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74489430027 WURTH-74489430027 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
More results

Similar Description - 74489430022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74489430068 WURTH-74489430068 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
744894300068 WURTH-744894300068 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
74489430010 WURTH-74489430010 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
74489430120 WURTH-74489430120 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
74489430220 WURTH-74489430220 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
74489430039 WURTH-74489430039 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
74489430150 WURTH-74489430150 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
74489430180 WURTH-74489430180 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
74489430027 WURTH-74489430027 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
744894300033 WURTH-744894300033 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
74489430056 WURTH-74489430056 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com