Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP061-4NY8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HSP061-4NY8
Description  4-line ESD protection for high speed lines
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4NY8 Datasheet(HTML) 1 Page - STMicroelectronics

  HSP061-4NY8 Datasheet HTML 1Page - STMicroelectronics HSP061-4NY8 Datasheet HTML 2Page - STMicroelectronics HSP061-4NY8 Datasheet HTML 3Page - STMicroelectronics HSP061-4NY8 Datasheet HTML 4Page - STMicroelectronics HSP061-4NY8 Datasheet HTML 5Page - STMicroelectronics HSP061-4NY8 Datasheet HTML 6Page - STMicroelectronics HSP061-4NY8 Datasheet HTML 7Page - STMicroelectronics HSP061-4NY8 Datasheet HTML 8Page - STMicroelectronics HSP061-4NY8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2010
Doc ID 17414 Rev 2
1/10
10
HSP061-4NY8
4-line ESD protection for high speed lines
Features
flow-through routing to keep signal integrity
ultra-large bandwidth: 6 GHz
ultra low capacitance: 0.6 pF
low time domain reflection
low leakage current: 100 nA at 25 °C
extended operating junction temperature
range: -40 °C to 150 °C
package size in mm: 2 x 1 x 0.5
RoHS compliant
Benefits
high ESD robustness of the equipment
suitable for high density boards
Complies with following standards
MIL-STD 883G Method 3015-7 Class 3B:
–8 kV
IEC 61000-4-2 level 4:
– 8 kV (contact discharge)
Applications
The HSP061-4NY8 is designed to protect against
electrostatic discharge on sub micron technology
circuits driving:
HDMI 1.3 and 1.4
Digital Video Interface
Display Port
USB 3.0
Serial ATA
Figure 1.
Functional schematic (top view)
Description
The HSP061-4NY8 is a 4-channel ESD array with
a rail to rail architecture designed specifically for
the protection of high speed differential lines.
The ultra-low variation of the capacitance ensures
very low influence on signal-skew. The large
bandwidth and the low reflection make it
compatible with 5 Gbps.
The device is packaged in µQFN-8L with a
400 µm pitch, which minimizes the PCB area.
µQFN-8L package
I/O 1
I/O 2
GND
I/O 3
I/O 4
Internally
not connected
GND
Internally
not connected
1
2
4
5
6
8
3
7
www.st.com


Similar Part No. - HSP061-4NY8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
353Kb / 9P
   4-line ESD protection for high speed lines
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
   4-line ESD protection for high speed lines
More results

Similar Description - HSP061-4NY8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
   4-line ESD protection for high speed lines
November 2014 Rev 4
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
   4-line ESD protection for high speed lines
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
   4-line ESD protection for high speed lines
July 2014 Rev1
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
   4-line ESD protection for high speed lines
October 2013 Rev 2
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
   4-line ESD protection for high speed lines
Rev 4 - November 2022
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
   Automotive 4-line ESD protection for high speed lines
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
   2-line ESD protection for high speed lines
HSP061-8M16 STMICROELECTRONICS-HSP061-8M16 Datasheet
185Kb / 10P
   8-line ESD protection for high speed lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com