Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS18B20 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS18B20
Description  1-Wire Digital Thermometer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS18B20 Datasheet HTML 3Page - Maxim Integrated Products DS18B20 Datasheet HTML 4Page - Maxim Integrated Products DS18B20 Datasheet HTML 5Page - Maxim Integrated Products DS18B20 Datasheet HTML 6Page - Maxim Integrated Products DS18B20 Datasheet HTML 7Page - Maxim Integrated Products DS18B20 Datasheet HTML 8Page - Maxim Integrated Products DS18B20 Datasheet HTML 9Page - Maxim Integrated Products DS18B20 Datasheet HTML 10Page - Maxim Integrated Products DS18B20 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS18B20
7 of 22
MEMORY
The DS18B20’s memory is organized as shown in Figure 7. The memory consists of an SRAM
scratchpad with nonvolatile EEPROM storage for the high and low alarm trigger registers (TH and TL)
and configuration register. Note that if the DS18B20 alarm function is not used, the TH and TL registers
can serve as general-purpose memory. All memory commands are described in detail in the DS18B20
Function Commands section.
Byte 0 and byte 1 of the scratchpad contain the LSB and the MSB of the temperature register,
respectively. These bytes are read-only. Bytes 2 and 3 provide access to TH and TL registers. Byte 4
contains the configuration register data, which is explained in detail in the Configuration Register section.
Bytes 5, 6, and 7 are reserved for internal use by the device and cannot be overwritten.
Byte 8 of the scratchpad is read-only and contains the CRC code for bytes 0 through 7 of the scratchpad.
The DS18B20 generates this CRC using the method described in the CRC Generation section.
Data is written to bytes 2, 3, and 4 of the scratchpad using the Write Scratchpad [4Eh] command; the data
must be transmitted to the DS18B20 starting with the least significant bit of byte 2. To verify data
integrity, the scratchpad can be read (using the Read Scratchpad [BEh] command) after the data is
written. When reading the scratchpad, data is transferred over the 1-Wire bus starting with the least
significant bit of byte 0. To transfer the TH, TL and configuration data from the scratchpad to EEPROM,
the master must issue the Copy Scratchpad [48h] command.
Data in the EEPROM registers is retained when the device is powered down; at power-up the EEPROM
data is reloaded into the corresponding scratchpad locations. Data can also be reloaded from EEPROM to
the scratchpad at any time using the Recall E
2
[B8h] command. The master can issue read time slots
following the Recall E
2 command and the DS18B20 will indicate the status of the recall by transmitting 0
while the recall is in progress and 1 when the recall is done.
Figure 7. DS18B20 Memory Map
SCRATCHPAD
(POWER-UP STATE)
Byte 0
Temperature LSB (50h)
Byte 1
Temperature MSB (05h)
EEPROM
Byte 2
TH Register or User Byte 1*
TH Register or User Byte 1
Byte 3
TL Register or User Byte 2*
TL Register or User Byte 2
Byte 4
Configuration Register*
Configuration Register
Byte 5
Reserved (FFh)
Byte 6
Reserved
Byte 7
Reserved (10h)
Byte 8
CRC*
*Power-up state depends on value(s) stored in EEPROM.
(85°C)


Similar Part No. - DS18B20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
More results

Similar Description - DS18B20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
   Econo 1-Wire Digital Thermometer
101107
logo
Dallas Semiconductor
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
   High Precision 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18B20-PAR MAXIM-DS18B20-PAR_07 Datasheet
227Kb / 19P
   1-Wire Parasite-Power Digital Thermometer
101207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com