Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS18B20-PAR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS18B20-PAR
Description  1-Wire Parasite-Power Digital Thermometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20-PAR Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS18B20-PAR Datasheet HTML 1Page - Maxim Integrated Products DS18B20-PAR Datasheet HTML 2Page - Maxim Integrated Products DS18B20-PAR Datasheet HTML 3Page - Maxim Integrated Products DS18B20-PAR Datasheet HTML 4Page - Maxim Integrated Products DS18B20-PAR Datasheet HTML 5Page - Maxim Integrated Products DS18B20-PAR Datasheet HTML 6Page - Maxim Integrated Products DS18B20-PAR Datasheet HTML 7Page - Maxim Integrated Products DS18B20-PAR Datasheet HTML 8Page - Maxim Integrated Products DS18B20-PAR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS18B20-PAR
4 of 19
resolution, bits 1 and 0 are undefined, and for 9-bit resolution bits 2, 1 and 0 are undefined. Table 2 gives
examples of digital output data and the corresponding temperature reading for 12-bit resolution
conversions.
TEMPERATURE REGISTER FORMAT Figure 3
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LS Byte
2
3
2
2
2
1
2
0
2
-1
2
-2
2
-3
2
-4
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
MS Byte
S
S
S
S
S
2
6
2
5
2
4
TEMPERATURE/DATA RELATIONSHIP Table 2
TEMPERATURE
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+85°C*
0000 0101 0101 0000
0550h
+25.0625°C
0000 0001 1001 0001
0191h
+10.125°C
0000 0000 1010 0010
00A2h
+0.5°C
0000 0000 0000 1000
0008h
0°C
0000 0000 0000 0000
0000h
-0.5°C
1111 1111 1111 1000
FFF8h
-10.125°C
1111 1111 0101 1110
FF5Eh
-25.0625°C
1111 1110 0110 1111
FE6Fh
-55°C
1111 1100 1001 0000
FC90h
*The power-on reset value of the temperature register is +85°C
OPERATION – ALARM SIGNALING
After the DS18B20-PAR performs a temperature conversion, the temperature value is compared to the
user-defined two’s complement alarm trigger values stored in the 1-byte TH and TL registers (see Figure
4). The sign bit (S) indicates if the value is positive or negative: for positive numbers S = 0 and for
negative numbers S = 1. The TH and TL registers are nonvolatile (EEPROM) so they will retain data
when the device is powered down. TH and TL can be accessed through bytes 2 and 3 of the scratchpad as
explained in the MEMORY section of this datasheet.
TH AND TL REGISTER FORMAT Figure 4
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
S
2
6
2
5
2
4
2
3
2
2
2
1
2
0
Only bits 11 through 4 of the temperature register are used in the TH and TL comparison since TH and TL
are 8-bit registers. If the result of a temperature measurement is higher than or equal to TH or lower than
or equal to TL, an alarm condition exists and an alarm flag is set inside the DS18B20-PAR. This flag is
updated after every temperature measurement; therefore, if the alarm condition goes away, the flag will
be turned off after the next temperature conversion.


Similar Part No. - DS18B20-PAR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20-PAR MAXIM-DS18B20-PAR Datasheet
292Kb / 21P
   1-Wire Parasite-Power Digital Thermometer
050102
More results

Similar Description - DS18B20-PAR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20-PAR MAXIM-DS18B20-PAR Datasheet
292Kb / 21P
   1-Wire Parasite-Power Digital Thermometer
050102
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
DS1822-PAR DALLAS-DS1822-PAR_07 Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
logo
Dallas Semiconductor
DS18S20-PAR DALLAS-DS18S20-PAR Datasheet
141Kb / 20P
   1-Wire짰 Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com