Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61861FIBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL61861FIBZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61861FIBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL61861FIBZ Datasheet HTML 1Page - Intersil Corporation ISL61861FIBZ Datasheet HTML 2Page - Intersil Corporation ISL61861FIBZ Datasheet HTML 3Page - Intersil Corporation ISL61861FIBZ Datasheet HTML 4Page - Intersil Corporation ISL61861FIBZ Datasheet HTML 5Page - Intersil Corporation ISL61861FIBZ Datasheet HTML 6Page - Intersil Corporation ISL61861FIBZ Datasheet HTML 7Page - Intersil Corporation ISL61861FIBZ Datasheet HTML 8Page - Intersil Corporation ISL61861FIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL6186
4
FN7698.1
September 1, 2011
ISL61863JCRZ
63JC
EN
3.6
RETRY
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863KCRZ
63KC
EN
3.6
LATCH
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863LCRZ
63LC
EN
3.6
RETRY
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61861AIBZ
61861A IBZ
EN
1.5
LATCH
NO
-40 to +85
8 Ld SOIC
M8.15
ISL61861BIBZ
61861B IBZ
EN
1.5
RETRY
NO
-40 to +85
8 Ld SOIC
M8.15
ISL61861CIBZ
61861C IBZ
EN
3
LATCH
NO
-40 to +85
8 Ld SOIC
M8.15
ISL61861DIBZ
61861D IBZ
EN
3
RETRY
NO
-40 to +85
8 Ld SOIC
M8.15
ISL61861EIBZ
61861E IBZ
EN
1.5
LATCH
NO
-40 to +85
8 Ld SOIC
M8.15
ISL61861FIBZ
61861F IBZ
EN
1.5
RETRY
NO
-40 to +85
8 Ld SOIC
M8.15
ISL61861GIBZ
61861G IBZ
EN
3
LATCH
NO
-40 to +85
8 Ld SOIC
M8.15
ISL61861HIBZ
61861H IBZ
EN
3
RETRY
NO
-40 to +85
8 Ld SOIC
M8.15
ISL61862AIRZ
62AI
EN
1.5
LATCH
NO
-40 to +85
8 Ld DFN
L8.3x3J
ISL61862BIRZ
62BI
EN
1.5
RETRY
NO
-40 to +85
8 Ld DFN
L8.3x3J
ISL61862CIRZ
62CI
EN
3
LATCH
NO
-40 to +85
8 Ld DFN
L8.3x3J
ISL61862DIRZ
62DI
EN
3
RETRY
NO
-40 to +85
8 Ld DFN
L8.3x3J
ISL61862EIRZ
62EI
EN
1.5
LATCH
NO
-40 to +85
8 Ld DFN
L8.3x3J
ISL61862FIRZ
62FI
EN
1.5
RETRY
NO
-40 to +85
8 Ld DFN
L8.3x3J
ISL61862GIRZ
62GI
EN
3
LATCH
NO
-40 to +85
8 Ld DFN
L8.3x3J
ISL61862HIRZ
62HI
EN
3
RETRY
NO
-40 to +85
8 Ld DFN
L8.3x3J
ISL61863AIRZ
63AI
EN
1.5
LATCH
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863BIRZ
63BI
EN
1.5
RETRY
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863CIRZ
63CI
EN
3
LATCH
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863DIRZ
63DI
EN
3
RETRY
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863EIRZ
63EI
EN
1.5
LATCH
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863FIRZ
63FI
EN
1.5
RETRY
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863GIRZ
63GI
EN
3
LATCH
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863HIRZ
63HI
EN
3
RETRY
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863IIRZ
63II
EN
3.6
LATCH
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863JIRZ
63JI
EN
3.6
RETRY
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863KIRZ
63KI
EN
3.6
LATCH
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61863LIRZ
63LI
EN
3.6
RETRY
YES
-40 to +85
10 Ld DFN
L10.3x3
ISL61861AEVAL1Z (ISL61861C)
EN
3
LATCH
NO
-
8 Ld SOIC
EVAL BD
ISL61862HEVAL1Z (ISL61862F)
EN
1.5
RETRY
NO
-
8 Ld DFN
EVAL BD
ISL61863LEVAL1Z (ISL61863L)
EN
3.6
RETRY
YES
-
10 Ld DFN
EVAL BD
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6186. For more information on MSL please see Tech Brief TB363.
Ordering Information (Continued)
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
EN/EN
INPUT
VIN = 5V MAXIMUM
CONTINUOUS IOUT
(A)
LATCH/
AUTO RETRY
POWER- GOOD
OUTPUT
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #


Similar Part No. - ISL61861FIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL61861FCBZ RENESAS-ISL61861FCBZ Datasheet
873Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61861FIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com