Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61861HIBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL61861HIBZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61861HIBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL61861HIBZ Datasheet HTML 6Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 7Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 8Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 9Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 10Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 11Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 12Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 13Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL6186
10
FN7698.1
September 1, 2011
FIGURE 11. 1.5A VARIANT ILIM WAVEFORM
FIGURE 12. 3A VARIANT ILIM WAVEFORM
FIGURE 13. 3.6A VARIANT ILIM WAVEFORM w PG
FIGURE 14. LISL6186 TURN-ON w PG
FIGURE 15. VOUT TURN-ON/RISE TIME vs CLOAD. VIN = 5.5V,
RL = 10Ω
FIGURE 16. VOUT TURN-OFF/FALL TIME vs CLOAD. VIN = 5.5V,
RL = 10Ω
Typical Performance Curves (Continued)
EN
FAULT
VOUT
Iin
EN
FAULT
VOUT
IIN
PG
FAULT
VOUT
IIN
EN
FAULT
VOUT
IIN
PG
CL=100µF
CL=10µF
EN
CL=100µF
CL=10µF
EN


Similar Part No. - ISL61861HIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL61861HCBZ RENESAS-ISL61861HCBZ Datasheet
873Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61861HIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com