Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23418TFRUZ-TK Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL23418TFRUZ-TK
Description  Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23418TFRUZ-TK Datasheet(HTML) 2 Page - Intersil Corporation

  ISL23418TFRUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL23418TFRUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL23418TFRUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL23418TFRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23418TFRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23418TFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23418TFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23418TFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23418TFRUZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL23418
2
FN7901.0
August 3, 2011
Block Diagram
LEVEL
SHIFTER
VCC
RH
GND
RL
RW
SCK
SDI
SDO
CS
POWER-UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
WR
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
VLOGIC
I/O BLOCK
Pin Configurations
ISL23418
(10 LD MSOP)
TOP VIEW
ISL23418
(10 LD µTQFN)
TOP VIEW
1
2
3
4
5
6
10
9
8
7
SDO
VLOGIC
CS
SDI
GND
SCK
RL
RW
RH
VCC
O
9
8
7
6
1
2
3
4
CS
VCC
RH
GND
SCK
SDI
SDO
O
RW
Pin Description
MSOP
µTQFN
SYMBOL
DESCRIPTION
110
VLOGIC
SPI bus/logic supply; range 1.2V to
5.5V
2
1
SCK
Logic pin: serial bus clock input
3
2
SDO
Logic pin: serial bus data output
(configurable)
4
3
SDI
Logic pin: serial bus data input
54
CS
Logic pin: active low Chip Select
65
RL
DCP “low” terminal
76
RW
DCP wiper terminal
8
7
RH
DCP “high” terminal
98
VCC
Analog power supply; range 1.7V to
5.5V
10
9
GND
Ground pin


Similar Part No. - ISL23418TFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL23418TFRUZ-TK RENESAS-ISL23418TFRUZ-TK Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23418TFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com