Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61862EIRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL61862EIRZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61862EIRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL61862EIRZ Datasheet HTML 1Page - Intersil Corporation ISL61862EIRZ Datasheet HTML 2Page - Intersil Corporation ISL61862EIRZ Datasheet HTML 3Page - Intersil Corporation ISL61862EIRZ Datasheet HTML 4Page - Intersil Corporation ISL61862EIRZ Datasheet HTML 5Page - Intersil Corporation ISL61862EIRZ Datasheet HTML 6Page - Intersil Corporation ISL61862EIRZ Datasheet HTML 7Page - Intersil Corporation ISL61862EIRZ Datasheet HTML 8Page - Intersil Corporation ISL61862EIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL6186
3
FN7698.1
September 1, 2011
56
FLT
Overcurrent Fault Indicator. Overcurrent fault indicator. FLT floats and is disabled until VIN > VUVLO. This
output is pulled low after the current limit time-out period has expired. Fault is not signaled due to
over-temperature shut down. Range 0V to VIN
6, 7, 8
7, 8, 9
OUT
Controlled Supply Output. Upon an OC condition, IOUT is current limited. Current limit response time is
within 200µs. This output will remain in current limit for a nominal 12ms before being turned off either
for the latch or auto retry versions. Range 0V to VIN
-10
PGD
Open drain Power-Good output that pulls low 40ms after VOUT = 90% of VIN and rises after VOUT< 85%
of VIN. Range 0V to VIN
PD
(DFN only)
PD
EPAD
Thermal Dissipation Exposed PAD Range: Connect to GND.
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
EN/EN
INPUT
VIN = 5V MAXIMUM
CONTINUOUS IOUT
(A)
LATCH/
AUTO RETRY
POWER- GOOD
OUTPUT
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL61861ACBZ
61861A CBZ
EN
1.5
LATCH
NO
0 to +70
8 Ld SOIC
M8.15
ISL61861BCBZ
61861B CBZ
EN
1.5
RETRY
NO
0 to +70
8 Ld SOIC
M8.15
ISL61861CCBZ
61861C CBZ
EN
3
LATCH
NO
0 to +70
8 Ld SOIC
M8.15
ISL61861DCBZ
61861D CBZ
EN
3
RETRY
NO
0 to +70
8 Ld SOIC
M8.15
ISL61861ECBZ
61861E CBZ
EN
1.5
LATCH
NO
0 to +70
8 Ld SOIC
M8.15
ISL61861FCBZ
61861F CBZ
EN
1.5
RETRY
NO
0 to +70
8 Ld SOIC
M8.15
ISL61861GCBZ
61861G CBZ
EN
3
LATCH
NO
0 to +70
8 Ld SOIC
M8.15
ISL61861HCBZ
61861H CBZ
EN
3
RETRY
NO
0 to +70
8 Ld SOIC
M8.15
ISL61862ACRZ
62AC
EN
1.5
LATCH
NO
0 to +70
8 Ld DFN
L8.3x3J
ISL61862BCRZ
62BC
EN
1.5
RETRY
NO
0 to +70
8 Ld DFN
L8.3x3J
ISL61862CCRZ
62CC
EN
3
LATCH
NO
0 to +70
8 Ld DFN
L8.3x3J
ISL61862DCRZ
62DC
EN
3
RETRY
NO
0 to +70
8 Ld DFN
L8.3x3J
ISL61862ECRZ
62EC
EN
1.5
LATCH
NO
0 to +70
8 Ld DFN
L8.3x3J
ISL61862FCRZ
62FC
EN
1.5
RETRY
NO
0 to +70
8 Ld DFN
L8.3x3J
ISL61862GCRZ
62GC
EN
3
LATCH
NO
0 to +70
8 Ld DFN
L8.3x3J
ISL61862HCRZ
62HC
EN
3
RETRY
NO
0 to +70
8 Ld DFN
L8.3x3J
ISL61863ACRZ
63AC
EN
1.5
LATCH
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863BCRZ
63BC
EN
1.5
RETRY
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863CCRZ
63CC
EN
3
LATCH
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863DCRZ
63DC
EN
3
RETRY
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863ECRZ
63EC
EN
1.5
LATCH
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863FCRZ
63FC
EN
1.5
RETRY
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863GCRZ
63GC
EN
3
LATCH
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863HCRZ
63HC
EN
3
RETRY
YES
0 to +70
10 Ld DFN
L10.3x3
ISL61863ICRZ
63IC
EN
3.6
LATCH
YES
0 to +70
10 Ld DFN
L10.3x3
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION
8 Ld
SOIC/DFN
10 Ld DFN


Similar Part No. - ISL61862EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL61862ECRZ RENESAS-ISL61862ECRZ Datasheet
873Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61862EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com