Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32613E Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL32613E
Description  짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32613E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL32613E Datasheet HTML 1Page - Intersil Corporation ISL32613E Datasheet HTML 2Page - Intersil Corporation ISL32613E Datasheet HTML 3Page - Intersil Corporation ISL32613E Datasheet HTML 4Page - Intersil Corporation ISL32613E Datasheet HTML 5Page - Intersil Corporation ISL32613E Datasheet HTML 6Page - Intersil Corporation ISL32613E Datasheet HTML 7Page - Intersil Corporation ISL32613E Datasheet HTML 8Page - Intersil Corporation ISL32613E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
±16.5kV ESD Protected, +125°C, 1.8V to 3.6V,
Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32613E, ISL32614E
The Intersil ISL32613E and ISL32614E are ±16.5kV HBM ESD
Protected (7kV IEC61000 contact), 1.8V powered, single
transmitters for differential communication. These drivers
have very low bus currents (±40µA), so they present less than
a “1/8 unit load” to the bus. This allows more than 256
transmitters on the network, without violating the RS-485
specification’s 32 unit load maximum and without using
repeaters.
Hot Plug circuitry ensures that the Tx outputs remain in a high
impedance state while the power supply stabilizes.
Both ICs utilize slew rate limited drivers, which reduce EMI and
minimize reflections from improperly terminated transmission
lines or unterminated stubs in multidrop and multipoint
applications. The ISL32613E is more slew rate limited for data
rates up to 128kbps, while the less limited ISL32614E is
useful for data rates up to 256kbps.
For companion low power single RS-485 receivers, please see
the ISL32610E data sheet.
Features
• Wide Supply Voltage Range . . . . . . . . . . . . . . . . . 1.8V to 3.6V
• Low Quiescent Supply Current . . . . . . . . . . . . . . . 80µA (Max)
- Very Low Shutdown Supply Current. . . . . . . . . . 2µA (Max)
• High ESD Protection on RS-485 Outputs . . . . ±16.5kV HBM
- Class 3 ESD Level on All Other Pins. . . . . . . . . . >8kV HBM
• Specified for +125°C Operation
• Hot Plug - Tx Outputs Remain Three-state During Power-up
• Low Tx Leakage Allows >256 Devices on the Bus
• Slew Rate Limited for Data Rates Up to 256kbps
• Current Limiting and Thermal Shutdown for Driver Overload
Protection
•5V Tolerant Logic Inputs
• Pb-Free (RoHS Compliant)
Applications
• Industrial/Process Control Networks
• Space-constrained Systems
• Factory Automation
• Building Environmental Control/Lighting Systems
FIGURE 1. VCC 1.8V TO 3.6V
ISL32613E with VCC = 1.8V Reduces Operating ICC by a Factor
of 177 Compared with ICC at VCC = 3.6V
10µ
100µ
1m
10m
1.8 2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VCC (V)
STATIC
DYNAMIC (128kbps)
RD = ∞, CD = 50pF
Truth Table
TRANSMITTING
INPUTS
OUTPUTS
DE (Note 9)
DI
Z
Y
1101
1010
0X
High-Z *
High-Z *
NOTE: *Shutdown Mode
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
August 30, 2011
FN7906.0


Similar Part No. - ISL32613E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL32613E RENESAS-ISL32613E Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
ISL32613EFHZ-T RENESAS-ISL32613EFHZ-T Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
ISL32613EFHZ-T7A RENESAS-ISL32613EFHZ-T7A Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
More results

Similar Description - ISL32613E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com