Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61863DIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL61863DIRZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61863DIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL61863DIRZ Datasheet HTML 1Page - Intersil Corporation ISL61863DIRZ Datasheet HTML 2Page - Intersil Corporation ISL61863DIRZ Datasheet HTML 3Page - Intersil Corporation ISL61863DIRZ Datasheet HTML 4Page - Intersil Corporation ISL61863DIRZ Datasheet HTML 5Page - Intersil Corporation ISL61863DIRZ Datasheet HTML 6Page - Intersil Corporation ISL61863DIRZ Datasheet HTML 7Page - Intersil Corporation ISL61863DIRZ Datasheet HTML 8Page - Intersil Corporation ISL61863DIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
USB Port Power Supply Controller
ISL6186
The ISL6186 USB power controller family provides
overcurrent (OC) fault protection for one or more USB ports.
This product family consists of eight individual functional
product variants and three package options and is operation
rated for a nominal +2.5V to +5V range and specified over
the full commercial and industrial temperature ranges.
Each ISL6186 type incorporates a 45mΩ P-channel MOSFET
power switch for power control and features internal current
monitoring, accurate current limiting, and current limited
delay to turn-off for system supply protection along with
control and communication I/O.
The ISL6186 family offers product variants with specified
continuous output current levels of 1.5A, 3A or 3.6A, enable
active high or low inputs, and latch off or automatic retry after
overcurrent turn-off, making these devices well suited for many
low-power applications.
This family of ICs is offered in an industry standard SOIC package
as well as in the 70% smaller 3x3 DFN package, which provides
the same performance and an additional Power-Good output
feature in the smallest possible (10 Ld DFN) package.
Features
• 2.5V to 5V Operating Range
• 45mΩ Integrated Power P-channel MOSFET Switches
• Continuous Current Options for 1.5A, 3A and 3.6A
• Thermally Insensitive 12ms of Current Limiting Prior to
Turn-Off
• Output Discharges with Reverse Current Blocking When
Disabled
• Latch-off or Auto Restart and Enable Polarity Options
• 1µA Off-State Supply Current
• Industry Standard Pin-for-Pin SOIC and Smaller DFN
Packages Available
Applications
• USB Port Power Management Including USB 3.0
• Low Power Electronic Circuit Limiting and Breaker
D+
D-
D+
D-
+5V
VIN
FAULT
ENABLE
GND
OUT
ISL6186
U
S
B
C
O
N
T
R
O
L
L
E
R
VBUS
VBUS
USB
PORT 1
USB
PORT_2
USB PORT POWER
FIGURE 1. TYPICAL APPLICATION
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
-25
0
254575
85
115
TEMPERATURE (°C)
FIGURE 2. NORMALIZED rDS(ON) TEMPERATURE
CHARACTERISTIC CURVE
September 1, 2011
FN7698.1


Similar Part No. - ISL61863DIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL61863DCRZ RENESAS-ISL61863DCRZ Datasheet
873Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61863DIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com